Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FII40-06D Datasheet(PDF) 2 Page - IXYS Corporation

Part # FII40-06D
Description  IGBT phaseleg
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FII40-06D Datasheet(HTML) 2 Page - IXYS Corporation

  FII40-06D Datasheet HTML 1Page - IXYS Corporation FII40-06D Datasheet HTML 2Page - IXYS Corporation FII40-06D Datasheet HTML 3Page - IXYS Corporation FII40-06D Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2011 IXYS All rights reserved
2 - 4
20110119a
FII 40-06D
IXYS reserves the right to change limits, test conditions and dimensions.
Diode
Symbol
Conditions
Maximum Ratings
V
RRM
T
VJ = 25°C to 150°C
600
V
I
F25
I
F90
T
C = 25°C
T
C = 90°C
30
15
A
A
Component
Symbol
Conditions
Maximum Ratings
T
VJ
T
stg
operating
-55...+150
-55...+125
°C
°C
V
ISOL
I
ISOL < 1 mA; 50/60 Hz; t = 1 s
2500
V~
F
C
Mounting force with clip
20...120
Nm
Symbol
Conditions
Characteristic Values
min.
typ.
max.
C
P
coupling capacity between shorted
pins and mounting tab in the case
40
pF
d
S, dA
d
S, dA
pin - pin
pin - backside metal
1.7
5.5
mm
mm
Weight
6
g
Symbol
Conditions
Characteristic Values
min.
typ.
max.
V
F
I
F = 25 A
T
VJ =
25°C
T
VJ = 125°C
2.5
1.7
2.8
V
V
I
RM
t
rr
I
F = 15 A; diF/dt = -400 A/µs;
V
R = 300 V; VGE = 0 V;
T
VJ = 125°C
7
50
A
ns
R
thJC
R
thJH
(per diode)
with heatsink compound
4.6
2.3
K/W
K/W
b4
4x e
E
W
A
A2
A1
C
b2
b
E1
1 2
5
3 4
MIN
MAX
MIN
MAX
A
4.83
5.21
0.190
0.205
A1
2.59
3.00
0.102
0.118
A2
1.17
2.16
0.046
0.085
b
1.14
1.40
0.045
0.055
b2
1.47
1.73
0.058
0.068
b4
2.54
2.79
0.100
0.110
C
0.51
0.74
0.020
0.029
D
20.80
21.34
0.819
0.840
D1
14.99
15.75
0.590
0.620
D2
1.65
2.03
0.065
0.080
E
19.56
20.29
0.770
0.799
E1
16.76
17.53
0.660
0.690
e
L
19.81
21.34
0.780
0.840
L1
2.11
2.59
0.083
0.102
Q
5.33
6.20
0.210
0.244
R
2.54
4.57
0.100
0.180
W
―
0.10
―
0.004
DIM.
MILLIMETER
INCHES
3.81 BSC
0.15 BSC
Die konvexe Form des Substrates ist typ. < 0.05 mm über
der Kunststoffoberfläche der Bauteilunterseite
The convex bow of substrate is typ. < 0.05 mm over plastic
surface level ofdevice bottom side



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com