Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FII40-06D Datasheet(PDF) 1 Page - IXYS Corporation

Part # FII40-06D
Description  IGBT phaseleg
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FII40-06D Datasheet(HTML) 1 Page - IXYS Corporation

  FII40-06D Datasheet HTML 1Page - IXYS Corporation FII40-06D Datasheet HTML 2Page - IXYS Corporation FII40-06D Datasheet HTML 3Page - IXYS Corporation FII40-06D Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2011 IXYS All rights reserved
1 - 4
20110119a
FII 40-06D
IXYS reserves the right to change limits, test conditions and dimensions.
I
C25
= 40 A
V
CES
= 600 V
V
CE(sat) typ. =
1.8 V
IGBT phaseleg
in ISOPLUS i4-PAC™
Features
• NPT IGBT technology
- low saturation voltage
- positive temperature coefficient for
easy paralleling
- fast switching
• HiPerFRED™ diode
- optimized fast and soft reverse
recovery
- low operating forward voltage
- low leakage current
• ISOPLUS i4-PAC™ package
- isolated back surface
- low coupling capacity between pins
and heatsink
- enlarged creepage towards heatsink
- application friendly pinout
- low inductive current path
- high reliability
- industry standard outline
- UL registered E 72873
Applications
• single phaseleg
- buck-boost chopper
• H bridge
- power supplies
- induction heating
- four quadrant DC drives
- controlled rectifier
• three phase bridge
- AC drives
- controlled rectifier
IGBT
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
600
V
V
GES
± 20
V
I
C25
I
C90
T
C = 25°C
T
C = 90°C
40
25
A
A
I
CM
V
CEK
V
GE = ±15 V; RG = 33 Ω; TVJ = 125°C
RBSOA Clamped inductive load; L = 100 µH
60
V
CES
A
t
SC
(SCSOA)
V
CE = VCES; VGE = ±15 V; RG = 33 Ω
T
VJ = 125°C; non-repetitive
10
µs
P
tot
T
C = 25°C
125
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 25 A; VGE = 15 V
T
VJ =
25°C
T
VJ = 125°C
1.8
2.0
2.2
V
V
V
GE(th)
I
C = 0.7 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES; VGE = 0 V
T
VJ =
25°C
T
VJ = 125°C
0.6
0.6
mA
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
200
nA
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
Inductive load
T
VJ = 125°C
V
CE = 300 V; IC = 25 A
V
GE = ±15 V; RG = 33 Ω
50
50
270
40
1.2
0.8
ns
ns
ns
ns
mJ
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
1.6
nF
Q
Gon
V
CE = 300 V; VGE = 15 V; IC = 30 A
95
nC
R
thJC
R
thJH
with heatsink compound
2
1
K/W
K/W
2
3
4
1
E72873
5


Similar Part No. - FII40-06D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FII30-06D IXYS-FII30-06D Datasheet
395Kb / 5P
low saturation voltage
FII30-12D IXYS-FII30-12D Datasheet
47Kb / 2P
Fast IGBT Chopper in ISOPLUS i4-PACTM
FII30-12E IXYS-FII30-12E Datasheet
72Kb / 4P
NPT3 IGBT
FII50-12E IXYS-FII50-12E Datasheet
79Kb / 4P
NPT IGBT phaseleg
More results

Similar Description - FII40-06D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L532 IXYS-L532 Datasheet
47Kb / 2P
IGBT phaseleg in ISOPLUS i4-PAC
FMM75-01F IXYS-FMM75-01F Datasheet
46Kb / 2P
HiPerFETTM Power MOSFET Phaseleg Topology in ISOPLUS i4-PACTM
FII50-12E IXYS-FII50-12E Datasheet
79Kb / 4P
NPT IGBT phaseleg
FMM150-0075P IXYS-FMM150-0075P Datasheet
45Kb / 2P
Trench Power MOSFET Phaseleg Topology in ISOPLUS i4-PAC
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
IGBT-Module IGBT-modules
logo
IXYS Corporation
IXA30PG1200DHGLB IXYS-IXA30PG1200DHGLB Datasheet
250Kb / 5P
XPT IGBT phaseleg
VMM45-02F IXYS-VMM45-02F Datasheet
41Kb / 2P
Phaseleg Configuration High dv/dt, Low trr, HDMOSTM Family
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com