Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 213 Page - ATMEL Corporation

Part # AT90PWM2
Description  High Performance, Low Power Atmel
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 213 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 209Page - ATMEL Corporation AT90PWM2 Datasheet HTML 210Page - ATMEL Corporation AT90PWM2 Datasheet HTML 211Page - ATMEL Corporation AT90PWM2 Datasheet HTML 212Page - ATMEL Corporation AT90PWM2 Datasheet HTML 213Page - ATMEL Corporation AT90PWM2 Datasheet HTML 214Page - ATMEL Corporation AT90PWM2 Datasheet HTML 215Page - ATMEL Corporation AT90PWM2 Datasheet HTML 216Page - ATMEL Corporation AT90PWM2 Datasheet HTML 217Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 365 page
background image
213
4317K–AVR–03/2013
AT90PWM2/3/2B/3B
The EUSART supports more serial frame formats than the standard USART interface:
•
Asynchonous frames
–
Standard bit level encoded
–
Manchester bit encoded
•
Synchronous frames
–
In this mode only the Standard bit level encoded is available
19.3
Serial Frames
A serial frame is defined to be one character of data bits with synchronization bits (start and stop
bits), and optionally a parity bit for error checking.
19.3.1
Frame Formats
The EUSART allows to receive and transmit serial frame with the following format:
•
1 start bit
•
5, 6, 7, 8, 9, 13, 14,15,16,17 data bits
•
data bits and start bit level encoded or Manchester encoded
•
data transmition MSB or LSB first (bit ordering)
•
no, even or odd parity bit
•
1 or 2 stop bits:
–
Stop bits insertion for transmition
–
Stop bits value read access in reception
The frame format used by the EUSART can be configured th rough the fo llowing
USART/EUSART registers:
•
UTxS3:0 and URxS3:0 (EUCSRA of EUSART register) select the number of data bits per
frame
•
UPM1:0 bits enable and set the type of parity bit (when configured in Manchester mode, the
parity should be fixed to none).
USBS (UCSRC register of USART) and EUSBS (EUCSRB register of EUSART) select the num-
ber of stop bits to be processed respectively by the transmiter and the receiver. The receiver
stores the two stop bit values when configured in Manchester mode. When configured in level
encoded mode, the second stop bit is ignored (behavior similar as the USART).
19.3.2
Parity Bit Calculation
The parity bit behavior is similar to the USART mode, except for the Manchester encoded mode,
where no parity bit can be inserted or detected (should be configured to none with the
UPM1:0
bits. The parity bit is calculated by doing an exclusive-or of all the data bits. If odd parity is used,
the result of the exclusive or is inverted. The relation between the parity bit and data bits is as
follows:
P
even
Parity bit using even parity
P
odd
Parity bit using odd parity
d
n
Data bit n of the character
If used, the parity bit is located between the last data bit and first stop bit of a serial frame.
P
even
d
n
1
–
d
3
d
2
d
1
d
0
0
P
odd

d
n
1
–
d
3
d
2
d
1
d
0
1

=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com