Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 214 Page - ATMEL Corporation

Part # AT90PWM2
Description  High Performance, Low Power Atmel
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 214 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 210Page - ATMEL Corporation AT90PWM2 Datasheet HTML 211Page - ATMEL Corporation AT90PWM2 Datasheet HTML 212Page - ATMEL Corporation AT90PWM2 Datasheet HTML 213Page - ATMEL Corporation AT90PWM2 Datasheet HTML 214Page - ATMEL Corporation AT90PWM2 Datasheet HTML 215Page - ATMEL Corporation AT90PWM2 Datasheet HTML 216Page - ATMEL Corporation AT90PWM2 Datasheet HTML 217Page - ATMEL Corporation AT90PWM2 Datasheet HTML 218Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 365 page
background image
214
4317K–AVR–03/2013
AT90PWM2/3/2B/3B
19.3.3
Manchester encoding
Manchester encoding (also know as Biphase Code) is a synchronous clock encoding technique
used to encode the clock and data of a synchronous bit stream. In this technique, the actual
binary data to be transmitted are not sent as a sequence of logic 1's and 0's as in level encoded
way as in standard USART (known technically as Non Return to Zero (NRZ)). Instead, the bits
are translated into a slightly different format that has a number of advantages over using straight
binary encoding (i.e. NRZ).
Manchester encoding follows the rules:
•
If the original data is a Logic 1, the Manchester code is: 0 to 1 (upward transition at bit
center)
•
If the original data is a Logic 0, the Manchester code is: 1 to 0 (downward transition at bit
center)
Figure 19-2. Manchester Bi-phase levels
19.3.3.1
Manchester frame
The USART supports Manchester encoded frames with the following characteristics:
•
One start bit Manchester encoded (logical ‘1’)
•
5, 6, 7, 8, 9, 13, 14,15,16,17 data bits in transmission or reception (MSB or LSB first)
•
The number of data bit in a frame is independently configurable in reception and
transmission mode.
•
One or Two stop bits (level encoded)
Figure 19-3. Manchester Frame example
Logical 0
Logical 1
1
0
0
1
1
1
1
0
1
0
0
1
0
1
0
1
0
Start
Bit
Data Bits
(up to 17 data bit)
Stop
Bits
Encoder Clock
Manchester Data
Binary Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com