Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 215 Page - ATMEL Corporation

Part # AT90PWM2
Description  High Performance, Low Power Atmel
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 215 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 211Page - ATMEL Corporation AT90PWM2 Datasheet HTML 212Page - ATMEL Corporation AT90PWM2 Datasheet HTML 213Page - ATMEL Corporation AT90PWM2 Datasheet HTML 214Page - ATMEL Corporation AT90PWM2 Datasheet HTML 215Page - ATMEL Corporation AT90PWM2 Datasheet HTML 216Page - ATMEL Corporation AT90PWM2 Datasheet HTML 217Page - ATMEL Corporation AT90PWM2 Datasheet HTML 218Page - ATMEL Corporation AT90PWM2 Datasheet HTML 219Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 365 page
background image
215
4317K–AVR–03/2013
AT90PWM2/3/2B/3B
19.3.3.2
Manchester decoder
When configured in Manchester mode, the EUSART receiver is able to receive serial frame
using a 17-bit shift register, an edge detector and several data/control registers. The Manchester
decoder receives a frame from the RxD pin of the EUSART interface and loads the received
data in the EUSART data register (UDR and EUDR).
The bit order of the data bits in the frame is configurable to handle MSB or LSB first.
The polarity of the bi-phase start is not configurable. The start bit a logical ‘1’ (rising edge at bit
center).
The polarity of the stop bits is not configurable, the interface allows to read the 2 stops bits value
by software.
The Manchester decoder is enable when the EUSART is configured in Manchester mode and
the RXEN of USCRB set (global USART receive enable).
The number of data bits to be received can be configured with the URxS bits of EUCSRA
register.
The Manchester decoder provides a special mode where 16 or 17 data bits can be received. In
this mode the Manchester decoder can automatically detects if the seventeenth bit is Manches-
ter encoded or not (seventeenth data bit or first stop bit). If the receiver detects a valid data bit
(Manchester transition) during the seventeenth bit time of the frame, the receiver will process the
frame as a 17-bit frame lenght and set the F1617 bit of EUCSRC register.
In Manchester mode, the clock used for sampling the EUSART input signal is programmed by
the baudrate generator.
The edge detector of the Manchester decoder is based upon a 16 bits up/down counter which
maximum value can be configured through the MUBRRH and MUBRRL registers.
The maximum counter value is given by the following formula:
MUBRR[H:L]=F
CLKIO / (baud rate frequency)
MBURR[H:L] is used to calibrate the detect window of the start bit and to detect time overflow of
the other bits.
19.3.4
Double Speed Operation (U2X)
Double Speed Operation is controlled by U2X bit in UCSRA. See “Double Speed Operation
(U2X)” on page 188.
This mode of operation is not allowed in manchester bit coding.
Each ‘bit time’ in the Manchester serial frame is divided into two phases (See Figure 19-4). The
counter counts during the first phase and counts down during the second one. When the data bit
transition is detected, the counter memorises the N1 counter value and start counting down.
When the counter reaches the zero value, it starts counting up again and the N1/2 value allows
to open the next detection window. This detection window defines the time zone where the next
data bit edge is sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com