Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2731 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL2731
Description  Dual Channel Low Input Current, High Gain Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2731 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL2731 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2731 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1-108
H
Dual Channel Low Input
Current, High Gain
Optocouplers
Technical Data
Features
• High Current Transfer Ratio
– 1800% Typical
• Low Input Current
Requirements – 0.5 mA
• Low Output Saturation
Voltage – 0.1 V
• High Density Packaging
• Performance Guaranteed
over Temperature
0
°Cto70°C
• LSTTL Compatible
• High Output Current –
60 mA
• Safety Approval
UL Recognized - 2500 V rms
for 1 Minute and
5000 V rms* for 1 minute
CSA Approved
• Available in 8 Pin DIP and
SO-8 Footprint
• MIL-STD-1772 Version
Available (HCPL-5730/5731)
• Surface Mount Gull Wing
Option Available for 8-Pin
DIP (Option 300)
Applications
• Digital Logic Ground
Isolation
• Telephone Ring Detector
• Level Shifting
• EIA RS-232C Line Receiver
• Polarity Sensing
• Low Input Current Line
Receiver - Long Line or Party
Line
• Microprocessor Bus
Isolation
• Current Loop Receiver
• Line Voltage Status Indicator
-Low Input Power
Dissipation
HCPL-2730 HCPL-0730
HCPL-2731
HCPL-0731
Description
These dual channel optocouplers
contain a separated pair of GaAsP
light emitting diodes optically
coupled to a pair of integrated
high gain photo detectors. They
provide extremely high current
transfer ratio and excellent input-
output common mode transient
immunity. A separate pin for the
photodiodes and first gain stages
(VCC) permits lower output satura-
tion voltage and higher speed
operation than possible with
conventional photodarlington
type optocouplers. In addition,
VCC may be as low as 1.6 V
Functional Diagram
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
*5000 V rms/1 minute withstand voltage rating is for Option 020 (HCPL-2730, HCLP-2731) products only.
A 0.1
µF bypass capacitor connected between pins 5 and 8 is recommended.
VO2
VO1
VCC
GND
ANODE 1
CATHODE 1
CATHODE 2
ANODE 2
7
5
6
8
2
3
4
1
TRUTH TABLE
LED
ON
OFF
VO
LOW
HIGH
5965-3597E


Similar Part No. - HCPL2731

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL2731 FAIRCHILD-HCPL2731 Datasheet
204Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
HCPL2731 FAIRCHILD-HCPL2731 Datasheet
304Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
HCPL2731M FAIRCHILD-HCPL2731M Datasheet
442Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
HCPL2731M FAIRCHILD-HCPL2731M Datasheet
442Kb / 14P
Low current ??0.5mA
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
More results

Similar Description - HCPL2731

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
Dual Channel Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com