Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0730 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL0730
Description  Dual Channel Low Input Current, High Gain Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0730 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL0730 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL0730 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL0730 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL0730 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL0730 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL0730 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0730 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0730 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL0730 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1-112
Small Outline SO-8 Package (HCPL-0731/HCPL-0730)
Note: Use of nonchlorine activated fluxes is highly recommended.
Regulatory Information
The HCPL-2731/2730 have been
approved by the following
organizations:
UL
Recognized under UL 1577,
Component Recognition
Program, File E55361.
240
∆T = 115°C, 0.3°C/SEC
0
∆T = 100°C, 1.5°C/SEC
∆T = 145°C, 1°C/SEC
TIME – MINUTES
220
200
180
160
140
120
100
80
60
40
20
0
260
12
3
456789
10
11
12
XXX
YWW
8765
4
3
2
1
5.842 ± 0.203
(0.236 ± 0.008)
3.937 ± 0.127
(0.155 ± 0.005)
0.381 ± 0.076
(0.016 ± 0.003)
1.270
(0.050)
BSG
5.080 ± 0.127
(0.200 ± 0.005)
3.175 ± 0.127
(0.125 ± 0.005)
1.524
(0.060)
45° X
0.432
(0.017)
0.228 ± 0.025
(0.009 ± 0.001)
TYPE NUMBER
(LAST 3 DIGITS)
DATE CODE
0.305
(0.012)
MIN.
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
0.152 ± 0.051
(0.006 ± 0.002)
7°
Solder Reflow Temperature Profile (HCPL-073X and Gull Wing Surface Mount Option 300 Parts).
CSA
Approved under CSA Component
Acceptance Notice #5, File CA
88324.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com