Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0730 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL0730 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL0730
Download  HCPL0730 Download
File Size   240.78 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Dual Channel Low Input Current, High Gain Optocouplers

HCPL0730 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL0730 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL0730
Download  HCPL0730 Click to download

File Size   240.78 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Dual Channel Low Input Current, High Gain Optocouplers

HCPL0730 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL0730 Product details

Description
These dual channel optocouplers contain a separated pair of GaAsP light emitting diodes optically coupled to a pair of integrated high gain photo detectors. They provide extremely high current transfer ratio and excellent inputoutput common mode transient immunity. A separate pin for the photodiodes and first gain stages (VCC) permits lower output saturation voltage and higher speed operation than possible with conventional photodarlington type optocouplers. In addition, VCC may be as low as 1.6 V

Features
• High Current Transfer Ratio
   – 1800% Typical
• Low Input Current
   Requirements – 0.5 mA
• Low Output Saturation Voltage – 0.1 V
• High Density Packaging
• Performance Guaranteed over Temperature
   0°C to 70°C
• LSTTL Compatible
• High Output Current – 60 mA
• Safety Approval
   UL Recognized - 2500 V rms
   for 1 Minute and
   5000 V rms* for 1 minute
   CSA Approved
• Available in 8 Pin DIP and SO-8 Footprint
• MIL-STD-1772 Version
   Available (HCPL-5730/5731)
• Surface Mount Gull Wing
   Option Available for 8-Pin
   DIP (Option 300)

Applications
• Digital Logic Ground Isolation
• Telephone Ring Detector
• Level Shifting
• EIA RS-232C Line Receiver
• Polarity Sensing
• Low Input Current Line
   Receiver - Long Line or Party Line
• Microprocessor Bus Isolation
• Current Loop Receiver
• Line Voltage Status Indicator
   -Low Input Power Dissipation




Similar Part No. - HCPL0730

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0730 FAIRCHILD-HCPL0730 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
logo
ON Semiconductor
HCPL0730 ONSEMI-HCPL0730 Datasheet
622Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
April 2009 Rev. 1.0.1
HCPL0730R2 ONSEMI-HCPL0730R2 Datasheet
622Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
April 2009 Rev. 1.0.1
HCPL0730R2V ONSEMI-HCPL0730R2V Datasheet
622Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
April 2009 Rev. 1.0.1
HCPL0730V ONSEMI-HCPL0730V Datasheet
622Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
April 2009 Rev. 1.0.1
More results


Similar Description - HCPL0730

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
Dual Channel Low Input Current, High Gain Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com