Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2502 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL2502
Description  Single Channel, High Speed Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2502 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL2502 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Parameter
Sym.
Device
Min. Typ.** Max.
Units
Test Conditions
Fig.
Note
Propagation
tPHL*
6N135
0.2
1.5
µsT
A = 25°CRL = 4.1 kΩ
5, 6,
8, 9
HCPL-0500
2.0
11
HCNW135
6N136
0.2
0.8
TA = 25°CRL = 1.9 kΩ
HCPL-2502
HCPL-4502/3
HCPL-0501
HCPL-0452/3
1.0
HCNW136
HCNW4502/3
Propagation
tPLH*
6N135
1.3
1.5
µsT
A = 25°CRL = 4.1 kΩ
5, 6,
8, 9
HCPL-0500
2.0
11
HCNW135
6N136
0.6
0.8
TA = 25°CRL = 1.9 kΩ
HCPL-2502
HCPL-4502/3
HCPL-0501
HCPL-0452/3
1.0
HCNW136
HCNW4502/3
Common Mode
|CMH|
6N135
1
kV/
µsR
L = 4.1 kΩ
IF = 0 mA, TA = 25°C,
12
7, 8,
HCPL-0500
VCM = 10 Vp-p
9
HCNW135
CL = 15 pF
6N136
1
RL = 1.9 kΩ
HCPL-2502
HCPL-4502
HCPL-0501
HCPL-0452
HCNW4502
HCPL-4503
15
30
RL = 1.9 kΩ IF = 0 mA, TA = 25°C,
HCPL-0453
VCM = 1500 Vp-p,
HCNW4503
CL = 15 pF
Common Mode
|CML|
6N135
1
kV/
µsR
L = 4.1 kΩ
IF = 16 mA, TA = 25°C,
12
7, 8,
HCPL-0500
VCM = 10 Vp-p
9
HCNW135
CL = 15 pF
6N136
1
RL = 1.9 kΩ
HCPL-2502
HCPL-4502
HCPL-0501
HCPL-0452
HCNW4502
HCPL-4503
15
30
RL = 1.9 kΩ IF = 16 mA, TA = 25°C,
HCPL-0453
VCM = 1500 Vp-p,
HCNW4503
CL = 15 pF
Bandwidth
BW
6N135/6
9
MHz
See Test Circuit
8, 10
10
HCPL-2502
HCPL-0500/1
HCNW135/6
11
*For JEDEC registered parts.
**All typicals at TA = 25°C.
Switching Specifications (AC)
Over recommended temperature (TA = 0°C to 70°C), VCC = 5 V, IF = 16 mA unless otherwise specified.
Delay Time
to Logic Low
at Output
Delay Time to
Logic High at
Output
Transient
Immunity at
Logic High
Level Output
Transient
Immunity at
Logic Low
Level Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com