Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2502 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # HCPL2502
Description  Single Channel, High Speed Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2502 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button HCPL2502 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL2502 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Figure 10. Frequency Response.
HCNW135/6
HCNW135/6
0.1
1.0
10
100
-20
-15
-10
-5
0
+5
TA = 25 °C
f - FREQUENCY - MHz
6N135/6, HCPL-0500/1, HCPL-2502
7
1
2
3
4
5
6
8
+12 V
0.1 µF
VFF
47 µF
51
Ω
2.1 K
Ω
100
Ω
1 K
Ω
1N4150
22
Ω
RT
Q1
TRIM FOR
UNITY GAIN
1.2 K
Ω
15 K
Ω
9.1 K
Ω
0.1 µF
100
Ω
Q 2
Q 3
470
Ω
+12 V
0.1 µF
(1 M
Ω 12 pF
TEST INPUT)
p-p
TYPICAL LINEARITY = ± 3% AT V
= 1 V
TYPICAL SNR = 50dB
TYPICAL R = 375
Ω
TYPICAL V
dc = 3.8 V
TYPICAL I = 9 mA
IN
T
O
F
12
3
Q , Q , Q : 2N3904
VO
6N135/6, HCPL-0500/1, HCPL-2502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com