Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5301 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-5301
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5301 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5301 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
1-57
Figure 8. HCPL-4506 and HCPL-0466
Input Current vs. Forward Voltage.
Figure 9. HCNW4506 Input Current
vs. Forward Voltage.
Figure 6. Normalized Output Current
vs. Temperature.
Figure 5. Typical Transfer
Characteristics.
Figure 7. High Level Output
Current vs. Temperature.
Figure 10. Propagation Delay Test Circuit.
0
IF – FORWARD LED CURRENT – mA
6
4
2
5
10
10
15
20
VO = 0.6 V
8
0
100 °C
25 °C
-40 °C
TA – TEMPERATURE – °C
0.95
0.90
0.85
0
40
60
100
IF = 10 mA
VO = 0.6 V
1.00
-40
-20
20
80
1.05
0.80
1.10
0.001
VF – FORWARD VOLTAGE – VOLTS
1.60
10
1.0
0.1
1.20
1000
1.30
1.40
1.50
TA = 25°C
IF
VF
+
–
0.01
100
0.1 µF
VCC = 15 V
20 k
Ω
IF(ON) =10 mA
VOUT
CL*
+
–
*TOTAL LOAD CAPACITANCE
+
–
If
VO
VTHHL
tPHL
tPLH
tf
tr
90%
10%
90%
10%
VTHLH
8
7
6
1
3
SHIELD
5
2
4
5 V
20 k
Ω
0.001
VF – INPUT FORWARD VOLTAGE – V
1
0.1
0.01
1.0
100
1.4
1.8
2.0
TA = 25 °C
10
0.8
1.2
1.6
IF
VF
+
–
TA – TEMPERATURE – °C
15.0
10.0
5.0
0
40
60
100
20.0
-40
-20
20
80
0
4.5 V
30 V
VF = 0.8 V
VCC = VO = 4.5 V OR 30 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com