Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5301 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL-5301
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5301 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5301 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
1-61
Figure 30. Waveforms for Dead Time Calculation.
Figure 29. Minimum LED Skew for Zero Dead Time.
VOUT1
VOUT2
ILED2
tPLH MAX.
PDD* MAX. =
(tPLH-tPHL) MAX. = tPLH MAX. - tPHL MIN.
tPHL
MIN.
ILED1
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
*PDD = PROPAGATION DELAY DIFFERENCE
NOTE: THE PROPAGATION DELAYS USED TO CALCULATE
PDD ARE TAKEN AT EQUAL TEMPERATURES.
VOUT1
VOUT2
ILED2
tPLH
MIN.
MAXIMUM DEAD TIME (DUE TO OPTOCOUPLER)
= (tPLH MAX. - tPLH MIN.) + (tPHL MAX. - tPHL MIN.)
= (tPLH MAX. - tPHL MIN.) - (tPLH MIN. - tPHL MAX.)
= PDD* MAX. - PDD* MIN.
tPHL
MIN.
ILED1
Q1 ON
Q2 OFF
Q1 OFF
Q2 ON
*PDD = PROPAGATION DELAY DIFFERENCE
tPLH
MAX.
tPHL
MAX.
PDD*
MAX.
MAX.
DEAD TIME
NOTE: THE PROPAGATION DELAYS USED TO CALCULATE THE MAXIMUM
DEAD TIME ARE TAKEN AT EQUAL TEMPERATURES.
LED Drive Circuit
Considerations for Ultra
High CMR Performance
Without a detector shield, the
dominant cause of optocoupler
CMR failure is capacitive coupling
from the input side of the opto-
coupler, through the package, to
the detector IC as shown in
Figure 20. The HCPL-4506,
HCPL-0466 and HCNW4506
improve CMR performance by
using a detector IC with an optic-
ally transparent Faraday shield,
which diverts the capacitively
coupled current away from the
sensitive IC circuitry. However,
this shield does not eliminate the
capacitive coupling between the
LED and the optocoupler output
pins and output ground as shown
in Figure 21. This capacitive
coupling causes perturbations in
the LED current during common
mode transients and becomes the
major source of CMR failures for
a shielded optocoupler. The main
design objective of a high CMR
LED drive circuit becomes keep-
ing the LED in the proper state
(on or off) during common mode
transients. For example, the
recommended application circuit
(Figure 19), can achieve 15 kV/
µs
CMR while minimizing component
complexity. Note that a CMOS
gate is recommended in Figure 19
to keep the LED off when the gate
is in the high state.
Another cause of CMR failure for
a shielded optocoupler is direct
coupling to the optocoupler
output pins through CLEDO1 and
CLEDO2 in Figure 21. Many factors
influence the effect and magni-
tude of the direct coupling includ-
ing: the use of an internal or
external output pull-up resistor,
the position of the LED current
setting resistor, the connection of
the unused input package pins,
and the value of the capacitor at
the optocoupler output (CL).
Techniques to keep the LED in
the proper state and minimize the
effect of the direct coupling are
discussed in the next two
sections.
CMR with the LED On
(CMRL)
A high CMR LED drive circuit
must keep the LED on during
common mode transients. This is
achieved by overdriving the LED
current beyond the input
threshold so that it is not pulled
below the threshold during a
transient. The recommended
minimum LED current of 10 mA
provides adequate margin over
the maximum ITH of 5.0 mA (see
Figure 5) to achieve 15 kV/
µs
CMR. Capacitive coupling is
higher when the internal load
resistor is used (due to CLEDO2)
and an IF = 16 mA is required to
obtain 10 kV/
µs CMR.
The placement of the LED current
setting resistor effects the ability of
the drive circuit to keep the LED on
during transients and interacts with
the direct coupling to the
optocoupler output. For example,
the LED resistor in Figure 22 is
connected to the anode. Figure 23
shows the AC equivalent circuit for
Figure 22 during common mode
transients. During a +dVcm/dt in
Figure 23, the current available at
the LED anode (Itotal) is limited by
the series resistor. The LED current
(IF) is reduced from its DC value by
an amount equal to the current that
flows through CLEDP and CLEDO1.
The situation is made worse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com