Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-643X Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-643X
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-643X Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-643X Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1-528
Absolute Maximum Ratings
(No derating required up to +125
°C)
Storage Temperature Range, TS .................................. -65°C to +150°C
Operating Temperature, TA ......................................... -55°C to +125°C
Case Temperature, TC ................................................................ +170°C
Junction Temperature, TJ .......................................................... +175°C
Lead Solder Temperature .............................................. 260
°C for 10 s
Average Forward Current, IF AVG (each channel) ........................ 10 mA
Peak Input Current, IF PK (each channel) ............................... 20 mA[1]
Reverse Input Voltage, VR (each channel) ....................................... 3 V
Supply Voltage, VCC ............................................. 0.0 V min., 7.0 V max.
Average Output Current, IO ............................ -25 mA min., 25 mA max.
(each channel)
Output Voltage, VO (each channel) ..................... -0.5 V min., 10 V max.
Output Power Dissipation, PO (each channel) ........................... 130 mW
Package Power Dissipation, PD (each channel) ......................... 200 mW
Single Channel Product Only
Three State Enable Voltage, VE ........................... -0.5 V min., 10 V max.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current (High)
IF(ON)
610
mA
Supply Voltage, Output
VCC
4.75
5.25
V
Input Voltage (Low)
VF(OFF)
–
0.7
V
Fan Out (Each Channel)
N
–
5
TTL Loads
Single Channel Product Only
High Level Enable Voltage
VEH
2.0
VCC
V
Low Level Enable Voltage
VEL
0
0.8
V
Note enable pin 7. An external 0.01
µF to 0.1 µF bypass capacitor must be connected
between VCC and ground for each package type.
ESD Classification
(MIL-STD-883, Method 3015)
HCPL-5400/01 .................................................................. (
∆∆), Class 2
HCPL-5430/31 and HCPL-6430/31 ................................. (Dot), Class 3
CATHODE
8 Pin Ceramic DIP Single Channel Schematic
ANODE
VO
VE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com