Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-643X Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-643X
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-643X Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-643X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-643X Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1-532
Figure 8. Test Circuit for tPHZ, tPZH, tPLZ, and tPZL. (Single Channel Product Only).
Figure 5. Test Circuit for tPLH, tPHL, tr, and tf.
GND
VCC
IF
5.0 V
D.U.T.
1.3 K
Ω
INPUT
MONITORING
NODE
PULSE GEN.
tr = tf = 5 ns
f = 500 kHz
25 % DUTY
CYCLE
30 pF
C2
THE PROBE AND JIG CAPACITANCES
ARE REPRESENTED BY C1 AND C2.
ALL DIODES ARE 1N4150 OR EQUIVALENT.
VO
OUTPUT
MONITORING
NODE
VCC
2.5 K
Ω
C1
15 pF
100
Ω
0.1 µF
GND
VCC
IF
5.0 V
D.U.T.
1.3 K
Ω
PULSE
GENERATOR
ZO = 50 Ω
tr = tf = 5 ns
C1
30 pF
INPUT VE
MONITORING
NODE
VCC
D1
D2
2.5 K
Ω
D3
D4
S2
S1
VO
8
7
6
5
1
2
3
4
0.1 µF
Figure 6. Typical Propagation Delay
vs. Ambient Temperature.
Figure 7. Typical Propagation Delay
vs. Input Forward Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com