Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7800 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL7800
Description  High CMR Isolation Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7800 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL7800 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 17Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
1-228
Figure 22. Propagation Delay and Rise/Fall Time Test Circuit.
Figure 23. Typical Amplitude and
Phase Response vs. Frequency.
-3
-4
0
5000 10000
50000 100000
-2
f – FREQUENCY – Hz
1000
-1
500
100
0
-15
-30
-45
-60
AMPLITUDE
PHASE
-5
-10
Figure 24. Typical 3 dB and 45
°
Bandwidths vs. Temperature.
Figure 25. Typical RMS Input-Referred
Noise vs. Input Voltage.
80
70
48
20
40
60
80
90
0
100
-20
-40
110
44
40
36
32
T
– TEMPERATURE – °C
A
60
28
100
3 dB BANDWIDTH
45 DEGREE PHASE
BANDWIDTH
1.5
1.0
150
200
250
2.0
100
2.5
50
0
3.0
V
– INPUT VOLTAGE – mV
IN
0.5
0
NO BANDWIDTH LIMITING
BANDWIDTH LIMITED TO 100 kHz
BANDWIDTH LIMITED TO 10 kHz
1
2
3
4
8
7
6
5
HCPL-7800
+5 V
+15 V
0.1 µF
0.1 µF
0.1 µF
10.0 K
2.00 K
2.00 K
-15 V
OP-42
+
-
VOUT
10.0 K
+5 V
0.1 µF
0.01 µF
V
IN
50%
VOUT
VIN
90%
50%
10%
tPD90
tPD50
tPD10
t R/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com