Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7800 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL7800
Description  High CMR Isolation Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7800 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL7800 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7800 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1-217
Ordering Information:
HCPL-7800x
No Specifier =
± 5% Gain Tol.; Mean Gain Value = 8.00
A =
± 1% Gain Tol.; Mean Gain Value = 7.93
B =
± 1% Gain Tol.; Mean Gain Value = 8.07
Option yyy
300 = Gull Wing Surface Mount Lead Option
500 = Tape/Reel Package Option (1 k min.)
Option datasheets available. Contact your Hewlett-Packard sales representative or authorized distributor for
information.
using our patented “light-pipe”
optocoupler packaging
technology.
Together, these features deliver
unequaled isolation-mode noise
rejection, as well as excellent
offset and gain accuracy and
stability over time and tempera-
ture. This performance is
delivered in a compact, auto-
insertable, industry standard 8-
Package Outline Drawings
Standard DIP Package
pin DIP package that meets
worldwide regulatory safety
standards (gull-wing surface
mount option #300 also
available).
9.40 (0.370)
9.90 (0.390)
PIN ONE
1.78 (0.070) MAX.
1.19 (0.047) MAX.
HP 7800
YYWW
DATE CODE
0.76 (0.030)
1.24 (0.049)
2.28 (0.090)
2.80 (0.110)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
6.10 (0.240)
6.60 (0.260)
0.20 (0.008)
0.33 (0.013)
5° TYP.
7.36 (0.290)
7.88 (0.310)
* TYPE NUMBER FOR: HCPL-7800 = 7800
1
2
3
4
8
7
6
5
5
6
7
8
4
3
2
1
GND1
VDD1
VIN+
VIN–
GND2
VDD2
VOUT+
VOUT–
PIN DIAGRAM
PIN ONE
TYPE NUMBER*
HCPL-7800A = 7800A
HCPL-7800B = 7800B
DIMENSIONS IN MILLIMETERS AND (INCHES).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com