Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0870 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL-0870
Description  Isolated 15-bit A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0870 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0870 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 16Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
1-271
Electrical Specifications, Isolated Modulator
Unless otherwise noted, all specifications are at VIN+ = 0 V and VIN- = 0 V, all Typical specifications are at
TA = 25°C and VDD1 = VDD2 = 5 V, and all Minimum and Maximum specifications apply over the following
ranges: TA = -40°C to +85°C, VDD1 = 4.5 to 5.5 V and VDD2 = 4.5 to 5.5 V.
Parameter
Symbol Min. Typ. Max. Units
Test Conditions
Fig.
Note
Average Input Bias Current
IIN
-1.0
µA14
18
Average Input Resistance
RIN
270
k
Ω
Input DC Common-Mode
CMRRIN
55
dB
19
Rejection Ratio
Output Logic High Voltage
VOH
3.9
4.9
V
IOUT = -100 µA
Output Logic Low Voltage
VOL
0.3
0.6
V
IOUT = 1.6 mA
Output Short Circuit Current
|IOSC|10
mA
VOUT = VDD2 or GND2
20
Input Supply Current
IDD1
9.5
15
mA
VIN+ = -350 mV
15
Output Supply Current
IDD2
8.8
15
mA
16
Output Clock Frequency
fCLK
9
11
14
MHz
17
Data Hold Time
tHDDAT
15
ns
21
Notes:
14. In accordance with UL1577, for devices with minimum VISO specified at 3750 Vrms, each isolated modulator (optocoupler) is
proof-tested by applying an insulation test voltage greater than 4500 Vrms for one second (leakage current detection limit
II-O <5 µa). This test is performed before the Method b, 100% production test for partial discharge shown in VDE 0884
Insulation Characteristics Table.
15. This is a two-terminal measurement: pins 1-4 are shorted together and pins 5-8 are shorted together.
16. If VIN- (pin 3) is brought above VDD1 - 2 V with respect to GND1 an internal optical-coupling test mode may be activated. This test
mode is not intended for customer use.
17. HP recommends the use of non-chlorinated solder fluxes.
18. Because of the switched-capacitor nature of the isolated modulator, time averaged values are shown.
19. CMRRIN is defined as the ratio of the gain for differential inputs applied between VIN+ and VIN- to the gain for common-mode
inputs applied to both VIN+ and VIN- with respect to input ground GND1.
20. Short-circuit current is the amount of output current generated when either output is shorted to VDD2 or GND2. Use under these
conditions is not recommended.
21. Data hold time is amount of time that the data output MDAT will stay stable following the rising edge of output clock MCLK.
to +350 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com