Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0870 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-0870
Description  Isolated 15-bit A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0870 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-0870 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1-262
isolated modulator without
additional hardware. Because the
two inputs are multiplexed, only
one conversion at a time can be
made and not all features are
available for the second channel.
The available features for both
channels are shown in the table
at right.
HCPL-x870 Digital Interface IC
Feature
Channel #1
Channel #2
Conversion Mode

Offset Calibration

Pre-Trigger Mode

Over-Range Detection

Adjustable Threshold Detection

5
6
12
11
MDAT1
MCLK2
CS
THR1
CON-
VERSION
INTER-
FACE
CONFIG.
INTER-
FACE
7
10
MDAT2
OVR1
8
9
GND
RESET
1
2
16
15
CCLK
CLAT
VDD
CHAN
3
14
CDAT
SCLK
4
13
MCLK1
SDAT
CH1
CH2
THRES-
HOLD
DETECT
&
RESET
Functional Diagrams
Pin Description, Isolated Modulator
Symbol
Description
Symbol
Description
VDD1
Supply voltage input (4.5 V to 5.5 V)
VDD2
Supply voltage input (4.5 V to 5.5 V)
VIN+
Positive input (
± 200 mV
MCLK
Clock output (10 MHz typical)
recommended)
VIN–
Negative input
MDAT
Serial data output
(normally connected to GND1)
GND1
Input ground
GND2
Output ground
HCPL-7860 Isolated Modulator
HCPL-x870 Digital Interface IC
1
2
3
4
8
7
6
5
VDD1
VIN+
VIN–
GND1
VDD2
MCLK
MDAT
GND2
SHIELD
ISOLATION
BOUNDARY
DECODE
SIGMA-
DELTA
MOD./
ENCODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com