Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTL2016 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCTL2016
Description  Quadrature Decoder/Counter Interface ICs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCTL2016 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCTL2016 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
2-190
low on OE during a falling
clock edge.
6. When OE goes high, the data
lines change to a high imped-
ance state.
7. The IC detects a logic high on
OE during a falling clock edge.
This satisfies the second reset
condition for the inhibit logic.
Actions
1. On the rising edge of the clock,
counter data is transferred to
the position data latch,
provided the inhibit signal is
low.
2. When OE goes low, the
outputs of the multiplexer are
enabled onto the data lines. If
SEL is low, then the high order
data bytes are enabled onto the
data lines. If SEL is high, then
the low order data bytes are
enabled onto the data lines.
3. When the IC detects a low on
OE and SEL during a falling
clock edge, the internal inhibit
signal is activated. This blocks
new data from being
transferred from the counter to
the position data latch.
4. When SEL goes high, the data
outputs change from the high
byte to the low byte.
5. The first of two reset condi-
tions for the inhibit logic is
met when the IC detects a
logic high on SEL and a logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com