Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTL2016 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCTL2016
Description  Quadrature Decoder/Counter Interface ICs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCTL2016 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCTL2016 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCTL2016 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2-180
Table 3. DC Characteristics VDD = 5 V ± 5%; TA = -40 to 85°C
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VIL[2]
Low-Level Input Voltage
1.5
V
VIH[2]
High-Level Input Voltage
3.5
V
VT+
Schmitt-Trigger Positive-
3.5
4.0
V
Going Threshold
VT-
Schmitt-Trigger Negative-
1.0
1.5
V
Going Threshold
VH
Schmitt-Trigger Hysteresis
1.0
2.0
V
IIN
Input Current
VIN = VSS or VDD
-10
1
+10
µA
VOH[2]
High-Level Output
IOH -1.6 mA
2.4
4.5
V
Voltage
VOL[2]
Low-Level Output
IOL = +4.8 mA
0.2
0.4
V
Voltage
IOZ
High-Z Output Leakage
VO = VSS or VDD
-10
1
+10
µA
Current
IDD
Quiescent Supply Current
VIN = VSS or VDD, VO = HiZ
1
5
µA
CIN
Input Capacitance
Any Input[3]
5pF
COUT
Output Capacitance
Any Output[3]
6pF
Notes:
1. Free air.
2. In general, for any VDD between the allowable limits (+4.5 V to +5.5 V), VIL = 0.3 VDD and VIH = 0.7 VDD; typical values are
VOH = VDD - 0.5 V @ IOH = -40 µA and VOL = VSS + 0.2 V @ IOL = 1.6 mA.
3. Including package capacitance.
Figure 2. Waveform for Positive Clock Related Delays.
Figure 1. Reset Waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com