Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3SD11YXPCF Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC3SD11YXPCF
Description  Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SD11YXPCF Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC3SD11YXPCF Datasheet HTML 3Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 4Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 5Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 6Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 7Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 8Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 9Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 10Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
PC3SD11NTZ Series
0
10
20
30
40
50
60
70
Ambient temperature Ta (˚C)
−30
0
50
100
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 RMS ON-state Current vs.
Ambient Temperature
Sheet No.: D2-A07501EN
0
25
50
75
100
125
150
175
−30
0
50
100
Ambient temperature Ta (˚C)
1
5
10
0.9
1.1
1
1.2
1.3
1.4
1.5
50
100
Forward voltage VF (V)
Ta=75˚C
50˚C
25˚C
0˚C
−25˚C
Fig.3-b Forward Current vs. Forward Voltage
(Rank B, Rank C)
Fig.4-b Minimum Trigger Current vs. Ambient
Temperature (Rank B, Rank C)
Fig.3-a Forward Current vs. Forward Voltage
(Rank A)
Fig.4-a Minimum Trigger Current vs. Ambient
Temperature (Rank A)
0
2
4
6
8
10
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
VD=6V
RL=100Ω
0
0.5
1
1.5
2
2.5
3
Forward voltage VF (V)
1
5
10
50
100
Ta=100°C
75
°C
50
°C
25
°C
0
°C
−30°C
0
2
4
6
8
10
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
VD=6V
RL=100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com