Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3SD11YXPCF Datasheet(PDF) 13 Page - Sharp Corporation

Part # PC3SD11YXPCF
Description  Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SD11YXPCF Datasheet(HTML) 13 Page - Sharp Corporation

Back Button PC3SD11YXPCF Datasheet HTML 8Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 9Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 10Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 11Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 12Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 13Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 14Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 15Page - Sharp Corporation PC3SD11YXPCF Datasheet HTML 16Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
■ Package specification
13
12.0
6.7
15.0
6.35
520
±2
520
±2
● Sleeve package
1. Through-Hole or SMT Gullwing
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 50pcs of products shall be packaged in a sleeve.
Both ends shall be closed by tabbed and tabless stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions
(Unit : mm)
(Unit : mm)
2. Wide Through-Hole or Wide SMT Gullwing
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 50pcs of products shall be packaged in a sleeve.
Both ends shall be closed by tabbed and tabless stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions
PC3SD11NTZ Series
Sheet No.: D2-A07501EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com