Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF233 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT86RF233
Description  Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF233 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT86RF233 Datasheet HTML 9Page - ATMEL Corporation AT86RF233 Datasheet HTML 10Page - ATMEL Corporation AT86RF233 Datasheet HTML 11Page - ATMEL Corporation AT86RF233 Datasheet HTML 12Page - ATMEL Corporation AT86RF233 Datasheet HTML 13Page - ATMEL Corporation AT86RF233 Datasheet HTML 14Page - ATMEL Corporation AT86RF233 Datasheet HTML 15Page - ATMEL Corporation AT86RF233 Datasheet HTML 16Page - ATMEL Corporation AT86RF233 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 225 page
background image
MCU Wireless AT86RF233 [PRELIMINARY DATASHEET]
Atmel-8351E-MCU_Wireless-AT86RF233_Datasheet_072014
13
4 General Circuit Description
The Atmel AT86RF233 single-chip radio transceiver provides a complete radio
transceiver interface between an antenna and a microcontroller. It comprises the analog
radio, digital modulation and demodulation including time and frequency
synchronization, as well as data buffering. A single 128-byte TRX buffer stores receive
or transmit data. Communication between transmitter and receiver is based on direct
sequence spread spectrum with different modulation schemes and spreading codes.
The AT86RF233 block diagram is shown in Figure 4-1.
Figure 4-1. AT86RF233 Block Diagram.
AVREG
LNA
PLL
PA
PPF
BPF
ADC
AGC
ext. PA and Power
Control
Configuration Registers
SPI
(Slave)
RSSI
IRQ
CLKM
/RST
SLP_TR
/SEL
MISO
MOSI
SCLK
DIG3/4
RFP
RFN
TX Data
Control Logic
DIG2
Antenna Diversity
FTN, BATMON
XOSC
Analog Domain
Digital Domain
AES
DIG1/2
AD
DVREG
RX BBP
Frame
Buffer
TX BBP
Limiter
The number of external components is minimized such that only the antenna, the
crystal and decoupling capacitors are required. The bidirectional differential antenna
pins (RFP, RFN) are used for transmission and reception, thus no external antenna
switch is needed. Control of an external power amplifier is supported by two digital
control signals (differential operation).
The received RF signal at pin 5 (RFN) and pin 6 (RFP) is differentially fed through the
low-noise amplifier (LNA) to the RF filter (PPF) to generate a complex signal, driving the
integrated channel filter (BPF). The limiting amplifier provides sufficient gain to drive the
succeeding analog-to-digital converter (ADC) and generates a digital RSSI signal. The
ADC output signal is sampled by the digital base band receiver (RX BBP).
The transmit modulation scheme is offset-QPSK (O-QPSK) with half-sine pulse shaping
and 32-length block coding (spreading) according to [1], [2] and [3]. The modulation
signal is generated in the digital transmitter (TX BBP) and applied to the fractional-N
frequency synthesis (PLL), to ensure the coherent phase modulation required for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com