Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF233 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT86RF233
Description  Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF233 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT86RF233 Datasheet HTML 17Page - ATMEL Corporation AT86RF233 Datasheet HTML 18Page - ATMEL Corporation AT86RF233 Datasheet HTML 19Page - ATMEL Corporation AT86RF233 Datasheet HTML 20Page - ATMEL Corporation AT86RF233 Datasheet HTML 21Page - ATMEL Corporation AT86RF233 Datasheet HTML 22Page - ATMEL Corporation AT86RF233 Datasheet HTML 23Page - ATMEL Corporation AT86RF233 Datasheet HTML 24Page - ATMEL Corporation AT86RF233 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 225 page
background image
MCU Wireless AT86RF233 [PRELIMINARY DATASHEET]
Atmel-8351E-MCU_Wireless-AT86RF233_Datasheet_072014
21
Referring to Figure 6-2 and Figure 6-3, Atmel AT86RF233 MOSI is sampled at the
rising edge of the SCLK signal and the output is set at the falling edge of SCLK. The
signal must be stable before and after the rising edge of SCLK as specified by t3 and t4,
refer to Section 12.4 parameters.
This SPI operational mode is commonly known as “SPI mode 0”.
6.3 SPI Protocol
Each SPI sequence starts with transferring a command byte from the SPI master via
MOSI (see Table 6-2) with the MSB first. This command byte defines the SPI access
mode and additional mode-dependent information.
Table 6-2. SPI Command Byte Definition.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Access Mode
Access Type
1
0
Register address [5:0]
Register access
Read access
1
1
Register address [5:0]
Write access
0
0
1
Reserved
Frame Buffer access
Read access
0
1
1
Reserved
Write access
0
0
0
Reserved
SRAM access
Read access
0
1
0
Reserved
Write access
Each SPI transfer returns bytes back to the SPI master on MISO output pin. The
content of the first byte (see value “PHY_STATUS“ in Figure 6-4 to Figure 6-14) is set
to zero after reset. To transfer status information of the radio transceiver to the
microcontroller, the content of the first byte can be configured with register bits
SPI_CMD_MODE (register 0x04, TRX_CTRL_1). For details, refer to Section 6.4.1.
Note:
1. Return values on MISO stated as XX shall be ignored by the microcontroller.
The different access modes are described within the following sections.
6.3.1 Register Access Mode
Register Access Mode is used to read and write AT86RF233 regsisters (register
address from 0x00 up to 0x3F).
A register access mode is a two-byte read/write operation initiated by /SEL = L. The first
transferred byte on MOSI is the command byte including an identifier bit (bit[7] = 1), a
read/write select bit (bit[6]), and a 6-bit register address.
On read access, the content of the selected register address is returned in the second
byte on MISO (see Figure 6-4).
Figure 6-4. Packet Structure - Register Read Access.
1
ADDRESS[5:0]
0
XX
MOSI
PHY_STATUS(1)
READ DATA[7:0]
MISO
byte 1 (command byte)
byte 2 (data byte)
Note:
1. Each SPI access can be configured to return radio controller status information
(PHY_STATUS) on MISO, for details refer to Section 6.4.
On write access, the second byte transferred on MOSI contains the write data to the
selected address (see Figure 6-5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com