Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS-355 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS-355
Description  Core processor module in compact 48-pin DIP form factor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS-355 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS-355 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS-355 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features/Specifications
Digi International
11001 Bren Road E.
Minnetonka, MN 55343 USA
PH: 877-912-3444
952-912-3444
FX: 952-912-4952
Email: info@digi.com
www.digi.com
Digi International
GmbH
Joseph-von-Fraunhofer Str. 23
D-44227 Dortmund
Germany
PH: +49-231-9747-0
FX: +49-231-9747-111
www.digi.de
Digi International
(HK) Limited
Suite 1703-05, 17/F.,
K Wah Centre
191 Java Road
North Point, Hong Kong
PH: +852-2833-1008
FX: +852-2572-9989
www.digi.cn
FS Forth-Systeme
Gmbh
Kueferstrasse 8
79206 Breisach
Germany
PH: +49-7667 908-0
FX: +49-7667 908-200
Email: sales@fsforth.de
www.fsforth.de
NetSilicon
411 Waverley Oaks Road #304
Waltham, MA 02452 USA
PH: 800-243-2333,
781-647-1234
FX: 781-893-1338
Email: info@netsilicon.com
91001350
A3/1105
© 2005 Digi International Inc.
Digi, Digi International, the Digi logo, the Making Device Networking Easy logo, ConnectCore, NetSilicon, NET+Works, NET+OS and NET+
are trademarks or registered trademarks of Digi International, Inc. ARM and NET+ARM are trademarks of ARM Limited. All other trademarks are the
property of their respective owners.
DIGI SER VICE AND SUPPOR T
You can purchase with confidence knowing that Digi is here to support you with expert technical support and a strong five-year warranty. http://support.digi.com
Model
North America
International
LxNETES 2.3 Development Kit
FS-997
FS-997
NET+OS 6.0 Development Kit
FS-998
FS-998
ConnectCore 7U w/2MB Flash
FS-355
FS-355
ConnectCore 7U w/8MB Flash
FS-352
FS-352
Bulk packs and population options available. Please visit our website for a complete list of available part numbers and product support options.
MODEL......................PART NUMBERS
• 3.3VDC @ 280 mA (max)
POWER
REQUIREMENTS
• Storage temperature: -50° C to +125° C
(-58° F to +257° F)
• Operating temperature: 0° C to +70° C
(+32° F to +158° F)
• Relative humidity: 5% to 90%
(non-condensing)
• Altitude: 12,000 feet (3658 meters)
ENVIRONMENTAL
• 32-bit NET+ARM high-performance
RISC processor NS7520 @ 55 MHz
• 2/8 MB Flash and 16 MB RAM on-
board
• Integrated 10/100 Mbps Ethernet
MAC/PHY
• Two serial interfaces
-
UART mode w/data rates up
to 230 Kbps
-
SPI mode (Master only)
• 8 KB serial EEPROM for configuration
storage
• Standard mode I2C software bus
interface (100 kHz)
• External memory bus interface
-
10 adress bits
-
8 data bits
-
2 external chip selects
• Two independent 27-bit timers
(IRQ/FIQ, 2microseconds to 20 hours)
• On-board JTAG interface
HARDWARE
• Standard: IEEE 802.3
• Physical layer: 10/100Base-T
• Data rate: 10/100 Mbps (auto-sensing)
• Mode: Full or half duplex (auto-sensing)
ETHERNET
INTERFACE
• Length: 2.475 in (6.287 cm)
• Width: 0.728 in (1.850 cm)
• Height: 0.409 in (1.040 cm)
DIMENSIONS
• LxNETES 2.3
– Flash programming through on-board
JTAG interface
– uClinux kernel v2.4.22
– GNU development tool chain
° gcc v2.95.3
° gdb v5.2.1
° uClibc v0.9.19 BusyBoxv1.0pre3
– Dynamic loading of modules
– File system support for CRAMFS,
JFFS2, NFS and others
– PPP driver support
– STL and iostreams support
– Samba client
– Embedded web server (thttpd/BOA)
– EEPROM support
– Debugging via gdbserver (Ethernet
and serial port)
– Flash programming utilities
– Sample code and documentation
• NET+OS 6.0
– Chameleon POD JTAG hardware
debugger
– GNU development tool chain
• gcc v3.2.1, Insight v5.1.1
• binutils v2.13.1, newlib v1.11.0
– ThreadXRTOS
– FusionTCP/IP stack
• TCP, UDP, ICMP, IGMP, DNS, SNMPv2,
LDAP, POP, SMTP, PPP, FTP, SNTP,Telnet,
FastIP, Fast Sockets, Multi-Homing
– Universal IP address assignment
• Static IP, DHCP, BOOTP, Auto-IP
– Allegro embedded web server
– SSL/TLS w/DES, 3DES, AES
– File system with wear-leveling
– SMICng SNMP MIB compiler
– Micro XML SAX parser
– HTML-to-C compiler
– Sample code and documentation
DEVELOPMENT KIT
FEATURES
Pin 1
15.24
18.50
Pin 1
PCB Board
Socket
max 1.6mm
Components



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com