Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS-355 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS-355
Description  Core processor module in compact 48-pin DIP form factor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS-355 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS-355 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS-355 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Powerful ARM7 Core Module
Product Brief
Overview
Features
ConnectCore
™ 7U
Universal 32-bit NET+ARM embedded
core processor module offers a wide range
of component connectivity options and
superior software design flexibility
through complete development platform
support options.
www.digi.com
• Core processor module in compact
48-pin DIP form factor
• Powerful 32-bit NET+ARM
processor
– 55 MHz NS7520
w/ARM7TDMI core
• 16 MB RAM and up to 8 MB Flash
• Integrated 10/100 Ethernet MAC/PHY
• Up to 2 high-speed serial ports –
UART and SPI (Master) configurations
• Standard mode I2C software
interface
• 16 shared GPIO port options
• External memory bus interface
• Software design flexibility through
royalty-free development
platforms
– NET+OS® and LxNETES™ Linux
• Optional VxWorks® support package
• Application-specific development kits
– Java®, CAN, Bluetooth®, Biometrics,
CompactFlash®/Wireless LAN,
LCD
The ConnectCore 7U, based on FS Forth™ UNC20 product technology, is the first member of
the ConnectCore embedded core processor module family to utilize the high-performance
NetSilicon® NS7520 processor.
Built on leading NetSilicon 32-bit NET+ARM technology, the ConnectCore 7U is a powerful
and universal embedded module in a compact 48-pin Dual In-line Package (DIP) form factor.
It provides the ideal core processor platform for product designs demanding an additional level
of performance, connectivity and development platform flexibility.
The ConnectCore 7U embedded module offers 16 MB of RAM and up to 8 MB of on-board
Flash memory, an integrated 10/100 Mbit Ethernet MAC/PHY, up to two configurable
UART/SPI ports, an I2C bus software interface, 16 shared GPIO ports for application-specific
use, and an external 10-bit address/8-bit data bus interface for added component integration
flexibility.
Complete and royalty-free LxNETES Linux and NET+OS development kits
with development board, documentation, hardware debugging options,
cables and accessories are available for evaluation/development use.
In addition, ready-to-run application-focused development kits for Java
based development, serial LCD integration, CAN bus communication,
Bluetooth connectivity, CompactFlash/WLAN support, and biometric
fingerprint reading are also available. These kits provide all required
hardware/software components and are specifically designed to reduce
overall development cost and time-to-market of your products.
Please also visit the FS Forth website at http://www.unc20.net for
additional product information and online discussion groups.
DATA[0-7]
DATA[0-31]
ADDR[0-9]
ADDR[0-23]
JTAG
WE, OE, CS3, CS4
PORTA[0-7]
PORTC[0-7]
MII
NS7520
EEPROM
PHY
SDRAM
8/16MB
FLASH
2/4/8MB
48pin
Conn
CS0
CS1


Similar Part No. - FS-355

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
FS-30T SOVICO-FS-30T Datasheet
1Mb / 1P
FASHION SPEAKER
logo
Epson ToYoCom
FS-32R EPSONTOYOCOM-FS-32R Datasheet
392Kb / 2P
Saw Resonator For Automotive
logo
Omega Engineering, Inc.
FS-330-10-1000 OMEGA-FS-330-10-1000 Datasheet
203Kb / 1P
Insulators Ceramic Bead, PFA, and Fiberglass Sleeving
FS-330-10-500 OMEGA-FS-330-10-500 Datasheet
203Kb / 1P
Insulators Ceramic Bead, PFA, and Fiberglass Sleeving
logo
Epson ToYoCom
FS-335 EPSONTOYOCOM-FS-335 Datasheet
374Kb / 2P
SAW RESONATOR
More results

Similar Description - FS-355

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK48D600-TSSOP ACCUTEK-AK48D600-TSSOP_13 Datasheet
550Kb / 4P
48 Pin DIP Adapters
logo
Solid State Optronic
AD4C111 SSOUSA-AD4C111_15 Datasheet
223Kb / 5P
Two discrete 1 form A Relays in compact 8 pin DIP package
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
compact form factor
logo
Laird Tech Smart Techno...
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
Compact form factor
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
Compact form factor
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
Compact form factor
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
Compact form factor
logo
Maxim Integrated Produc...
MAX11301WING MAXIM-MAX11301WING Datasheet
544Kb / 8P
0.9in x 2.0in DIP Form Factor
2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com