Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFHR-02V-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SFHR-02V-R
Description  1.8mm pitch/Disconnectable Crimp style connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFHR-02V-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SFHR-02V-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SFHR-02V-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SFH CONNECTOR
2
1,000
SFHR-02V-R
Circuits
Model No.
Material
Thermoplastic resin, UL94V-0
Q'ty / bag
Circuit No.1
mark
6.3
4
6
3.8
HJST
12
1.8
2
SM02B-SFHRS-TF
2,000
Circuits
Model No.
Material and Finish
Q'ty / reel
Press pin: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Heat resisting resin, UL94V-0
Solder tab: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
HJST
2
1.8
5.2
5.9
Housing
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
SFHR-02V-R-
R…red
L…lemon yellow
Shrouded header
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
SM02B-SFHRS-TF-
R…red
L…lemon yellow
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com