Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFHR-02V-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SFHR-02V-R
Description  1.8mm pitch/Disconnectable Crimp style connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFHR-02V-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SFHR-02V-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SFHR-02V-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
1.8mm pitch/Disconnectable Crimp style connectors
Emboss Tape
SFH CONNECTOR
Connector outline
0.2
+0.1
 0
1.7
+0.1
 0
4.5
 0
−0.1
6.2
+0.1
 0
8.2
1.2
5.1
2.2
2.5
0.5
1
SSFH-001T-P0.5
SSFH-002T-P0.5
AWG#
26
∼22
30
∼26
0.95
∼1.3
0.7
∼1.25
mm2
0.13
∼0.33
0.05
∼0.13
15,000
15,000
Model No.
Applicable wire
Insulation O.D. (mm)
Q'ty /
reel
Material and Finish
Copper alloy, tin-plated (reflow treatment)
Contact
Crimp applicator
Dies
Crimp applicator with dies
Applicator
Crimping
machine
SSFH-001T-P0.5 AP-K2N
MKS-L
−
MK/SSFH-001-05
−
APLMK SSFH001-05
−
SSFH-002T-P0.5 AP-K2N
MKS-L
−
MK/SSFH-002-05
−
APLMK SSFH002-05
−
This low profile type connector with height
of 3.0mm is designed for connection to
stroboscope flash and realized space
saving.
• Contact lance
• Countermeasure for inverse insertion and
locking feature
Specifications –––––––––––––––––––
• Current rating: 4A AC, DC (AWG #22)
• Voltage rating: 350V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10m
Ω max.
After environmental testing/ 20m
Ω max.
• Insulation resistance: 1,000M
Ω min.
• Withstanding voltage: 1,700V AC/minute
• Applicable wire: Conductor size/ AWG #30 to #22
Insulation O.D./ 0.7 to 1.3mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
Contact
RoHS compliance
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative:
±0.05mm for all centers.
3. The dimensions above should serve as a guideline. Contact JST for details.
1


Similar Part No. - SFHR-02V-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH-0412B ETC-SFH-0412B Datasheet
107Kb / 1P
Li-ion battery protects
logo
Eravant
SFH-06SFSF-A3 ERAVANT-SFH-06SFSF-A3 Datasheet
250Kb / 3P
D-Band Harmonic Mixer, Keysight Spectrum Analyzer
Rev. 1.0
SFH-06SFSF-A3-2 ERAVANT-SFH-06SFSF-A3-2 Datasheet
235Kb / 3P
D-Band Harmonic Mixer, 14th Harmonic, Spectrum Analyzer
Rev. 1.2
logo
List of Unclassifed Man...
SFH-0810C ETC-SFH-0810C Datasheet
107Kb / 1P
Li-ion battery protects
logo
Eravant
SFH-08SFSF-A3 ERAVANT-SFH-08SFSF-A3 Datasheet
249Kb / 3P
F-Band Harmonic Mixer, Keysight Spectrum Analyzer
Rev. 1.0
More results

Similar Description - SFHR-02V-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
LEAR-02V-S ETC2-LEAR-02V-S Datasheet
76Kb / 2P
1.8mm pitch/For LED Lamp/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
Disconnectable Crimp style connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com