Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBC06DCWN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EBC06DCWN
Description  Accommodates .062 .008 1.57 mm 0.20 mm mating PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EBC06DCWN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EBC06DCWN Datasheet HTML 1Page - List of Unclassifed Manufacturers EBC06DCWN Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
51
www.sullinscorp.com | 760-744-0125 | toll-free 888-774-3100 | fax 760-744-6081 | info@sullinscorp.com
Female Card Edge
DIMENSIONS Dimensions in [ ] are in millimeters, all others are in inches.
1
3
5
7
9 131 133 135137 139
2
4
6
8
10 132 134 136 138 140
A
B
C
D
E
F
REFER TO MOUNTING STYLE
REFER TO
TERMINATION TYPE
.297 [7.54] INSERTION DEPTH
.180[4.57]
.250[6.35]
.060[1.52]
.100[2.54]
TYP.
.610
[15.49]
.370 [9.40]
CONTACT MARKINGS
1 3 5 . . . 137 139
2 4 6 . . . 138 140
Tolerances on non-critical dimensions may very slightly due to shrinkage differential per insulator material; Consult factory.
* Consult factory for availability.
.100” [2.54 mm] Contact Centers, .610” [15.49 mm] Insulator Height,
Dip Solder/Wire Wrap/Right Angle/Card Extender
POSITIONS/
CONTACTS
INCHES
MILLIMETERS
A±.008
B±.008
C±.015
D±.010
E±.020
F±.015
A±0.20
B±0.20
C±0.38
D±0.25
E±0.51
F±0.38
06/12
0.500
0.700
0.860
1.175
1.435
0.750
12.70
17.78
21.84
29.85
36.45
19.05
07/14
0.600
0.800
0.960
1.275
1.535
0.850
15.24
20.32
24.38
32.39
38.99
21.59
08/16
0.700
0.900
1.060
1.375
1.635
0.950
17.78
22.86
26.92
34.93
41.53
24.13
10/20
0.900
1.100
1.260
1.575
1.835
1.150
22.86
27.94
32.00
40.01
46.61
29.21
12/24
1.100
1.300
1.460
1.775
2.035
1.350
27.94
33.02
37.08
45.09
51.69
34.29
13/26
1.200
1.400
1.560
1.875
2.135
1.450
30.48
35.56
39.62
47.63
54.23
36.83
15/30
1.400
1.600
1.760
2.075
2.335
1.650
35.56
40.64
44.70
52.71
59.31
41.91
17/34
1.600
1.800
1.960
2.275
2.535
1.850
40.64
45.72
49.78
57.79
64.39
46.99
18/36
1.700
1.900
2.060
2.375
2.635
1.950
43.18
48.26
52.32
60.33
66.93
49.53
20/40
1.900
2.100
2.260
2.575
2.835
2.150
48.26
53.34
57.40
65.41
72.01
54.61
22/44
2.100
2.300
2.460
2.775
3.035
2.350
53.34
58.42
62.48
70.49
77.09
59.69
24/48
2.300
2.500
2.660
2.975
3.235
2.550
58.42
63.50
67.56
75.57
82.17
64.77
25/50
2.400
2.600
2.760
3.075
3.335
2.650
60.96
66.04
70.10
78.11
84.71
67.31
28/56
2.700
2.900
3.060
3.375
3.635
2.950
68.58
73.66
77.72
85.73
92.33
74.93
30/60
2.900
3.100
3.260
3.575
3.835
3.150
73.66
78.74
82.80
90.81
97.41
80.01
31/62
3.000
3.200
3.360
3.675
3.935
3.250
76.20
81.28
85.34
93.35
99.95
82.55
35/70
3.400
3.600
3.760
4.075
4.335
3.650
86.36
91.44
95.50
103.51
110.11
92.71
36/72
3.500
3.700
3.860
4.175
4.435
3.750
88.90
93.98
98.04
106.05
112.65
95.25
40/80
3.900
4.100
4.260
4.575
4.835
4.150
99.06
104.14
108.20
116.21
122.81
105.41
43/86
4.200
4.400
4.560
4.875
5.135
4.450
106.68
111.76
115.82
123.83
130.43
113.03
44/88
4.300
4.500
4.660
4.975
5.235
4.550
109.22
114.30
118.36
126.37
132.97
115.57
49/98*
4.800
5.000
5.160
5.475
5.735
5.050
121.92
127.00
131.06
139.07
145.67
128.27
50/100
4.900
5.100
5.260
5.575
5.835
5.150
124.46
129.54
133.60
141.61
148.21
130.81
55/110
5.400
5.600
5.760
6.075
6.335
5.650
137.16
142.24
146.30
154.31
160.91
143.51
60/120
5.900
6.100
6.260
6.575
6.835
6.150
149.86
154.94
159.00
167.01
173.61
156.21
61/122
6.000
6.200
6.360
6.675
6.935
6.250
152.40
157.48
161.54
169.55
176.15
158.75
65/130
6.400
6.600
6.760
7.075
7.335
6.650
162.56
167.64
171.70
179.71
186.31
168.91
70/140
6.900
7.100
7.260
7.575
7.835
7.150
175.26
180.34
184.40
192.41
199.01
181.61
80/160*
7.900
8.100
8.260
8.575
8.835
8.150
200.66
205.74
209.80
217.81
224.41
207.01
90/180*
8.900
9.100
9.260
9.575
9.835
9.150
226.06
231.14
235.20
243.21
249.81
232.41
100/200*
9.900
10.100
10.260
10.575
10.835
10.150
251.46
256.54
260.60
268.61
275.21
257.81
PART NUMBER OPTIONS
MATERIALS (INSULATOR/CONTACT)
E = PBT/Phosphor Bronze (Standard)
R = PPS/Phosphor Bronze
G = PA9T/Phosphor Bronze
H = PBT/Beryllium Copper
A = PPS/Beryllium Copper
J = PA9T/Beryllium Copper
(Consult factory for other materials.)
Refer to Page 7 for Operating/Processing Temperatures
CONTACT CENTERS
C = .100” [2.54 mm]
NUMBER OF CONTACT POSITIONS
READOUT (Opposite Page)
D = Dual
H = Half Loaded
MOUNTING STYLE (Opposite Page)
H = Clearance Holes
I = Threaded Inserts
S = Side Mounting
N = No Mounting
D, W = Flush Mounting
T, X = Flush Mounting With Threaded Inserts
TERMINATION TYPE (Opposite Page)
Hairpin Bellows - Available with B or C plating and Phosphor Bronze Only
CS = .025” [0.64 mm] Square Dip Solder
CM = .025” [0.64 mm] Square Wire Wrap
CA, CB, CC = .025” [0.64 mm] Square Right Angle
CW, CT = .015” X .025” [0.38 mm X 0.64 mm] Dip Solder
Loop Bellows
RS = .025” [0.64 mm] Square Dip Solder
CK, TK = .025” [0.64 mm] Round Dip Solder
RM = .025” [0.64 mm] Square Wire Wrap
TA, TB, TM = .025” [0.64 mm] Square Right Angle
Cantilever Bellows - Available in Y, B, or C plating Only
KS, KD = .025” [0.64 mm] Square Dip Solder
KM = .025” [0.64 mm] Square Wire Wrap
KA, KE, KU, KJ = .025” [0.64 mm] Square Right Angle
KR, KN = .025” [0.64 mm] Square Card Extender
MODIFICATION CODE (Consult Factory)
OMIT FOR STANDARD
-S189 = .200” [5.08 mm] Row to Row on Right Angle
-S288* = Card Extender Accepts .062” [1.57 mm] PCB
* Not Required on KR or KN Terminations
See Chart Below
E B C 70 D CM H - Sxxx
CONTACT FINISH - RoHS Compliant
All platings are Lead Free and have .000050” Nickel underplate
Contact Surface
Termination
B = .000010” Gold
.000100” Pure Tin, Matte
C = .000030” Gold
.000100” Pure Tin, Matte
G = .000010” Gold
.000005” Gold
Y = .000030” Gold
.000005” Gold
Contact Surface
Overall Plating
S = .000010” Gold
.000010” Gold
M = .000030” Gold
.000010” Gold
E = .000100” Pure Tin, Matte .000100” Pure Tin, Matte



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com