Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBC06DCWN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EBC06DCWN
Description  Accommodates .062 .008 1.57 mm 0.20 mm mating PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EBC06DCWN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EBC06DCWN Datasheet HTML 1Page - List of Unclassifed Manufacturers EBC06DCWN Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50
www.sullinscorp.com | 760-744-0125 | toll-free 888-774-3100 | fax 760-744-6081 | info@sullinscorp.com
Female Card Edge
SPECIFICATIONS
• Accommodates .062” ± .008” [1.57 mm ± 0.20 mm] mating PCB
(For .093” [2.36 mm] or .125” [3.18 mm] mating PCB see following pages)
• PBT, PPS or PA9T insulator
• Molded-in key available
• 3 Amps current rating for one contact energized
• 30 milli Ohms maximum at rated current
• UL Flammability Rating: 94V-0
POLARIZING KEY
READOUT
DUAL (D)
HALF LOADED (H)
EVEN
NUMBER
SIDE
PLC-K1
KEY IN BETWEEN CONTACTS
(ORDER SEPARATELY)
.038”
[0.97]
.100” [2.54]
.285”
[7.24]
MOUNTING STYLE
.100” [2.54 mm] Contact Centers, .610” [15.49 mm] Insulator Height,
Dip Solder/Wire Wrap/Right Angle/Card Extender
SIDE MOUNTING
(S)
.245”
[6.22]
Ø.125”
[3.18]
Ø.125” [3.18]
D = .250” [6.35]
W = .430” [10.92]
FLUSH MOUNTING
(D, W)
FLUSH MOUNTING WITH
THREADED INSERT(T, X)
#4-40
THREADED
INSERT(
I)
#4-40
NO MOUNTING
EARS (N)
Ø.125”
[3.18]
.250”
[6.35]
CLEARANCE
HOLE (H)
T = .250” [6.35]
X = .430” [10.92]
TERMINATION TYPE
CANTILEVER TERMINATION
TYPE
POST CROSS
SECTION
K
POST LENGTH
L
.025ʺ [0.64]
FITS MIN.
HOLE SIZE
KS
DIP SOLDER
.025ʺ [0.64] SQUARE
.190ʺ [4.83]
.040ʺ [1.02]
KD
DIP SOLDER
.025ʺ [0.64] SQUARE
.160ʺ [4.06]
.043ʺ [1.09]
KM
WIRE WRAP
.025ʺ [0.64] SQUARE
.560ʺ [14.20] .040ʺ [1.02]
*KA
RIGHT ANGLE .025ʺ [0.64] SQUARE
.100ʺ [2.54]
.043ʺ [1.09]
*KE
RIGHT ANGLE .025ʺ [0.64] SQUARE
.180ʺ [4.57]
.043ʺ [1.09]
*KU
RIGHT ANGLE .025ʺ [0.64] SQUARE
.250ʺ [6.35]
.043ʺ [1.09]
*KJ
RIGHT ANGLE .025ʺ [0.64] SQUARE
.500ʺ [12.70] .043ʺ [1.09]
*KR
CARD
EXTENDER
.025ʺ [0.64] SQUARE
.235ʺ [5.97]
N/A
*KN
CARD
EXTENDER
.025ʺ [0.64] SQUARE
.605ʺ [15.37]
N/A
* KA, KE, KU, KJ, KR, KN have no standoffs, unless requested.
LOOP
BELLOWS
TERMINATION
TYPE
POST CROSS
SECTION
K
POST LENGTH
L
.025ʺ [0.64]
FITS MIN.
HOLE SIZE
TK,CK
DIP SOLDER
.025ʺ [0.64] ROUND
.190ʺ [4.83]
.033ʺ [0.84]
RS
DIP SOLDER
.025ʺ [0.64] SQUARE
.190ʺ [4.83]
.040ʺ [1.02]
RM
WIRE WRAP
.025ʺ [0.64] SQUARE
.560ʺ [14.20]
.040ʺ [1.02]
TA
RIGHT ANGLE
.025ʺ [0.64] SQUARE
.100ʺ [2.54]
.043ʺ [1.09]
TB
RIGHT ANGLE
.025ʺ [0.64] SQUARE
.180ʺ [4.57]
.043ʺ [1.09]
TM
RIGHT ANGLE
.025ʺ [0.64] SQUARE
.250ʺ [6.35]
.043ʺ [1.09]
(CW, CT, CS, CM)
HAIRPIN BELLOWS
L
(TK, CK, RS, RM)
LOOP BELLOWS
K
(KS, KD, KM)
CANTILEVER
(CA, CB, CC, TA, TB, TM, KA, KE, KU, KJ)
ODD NUMBER
SIDE
L
.275”
[6.98]
.150” [3.81]
.030” [0.76]
RIGHT ANGLE
(CT, CS, CM,TK, CK, RS,RM)
Example P/N: EBC10DCSN-S288
(Requires -S288 Modification Code)
ACCOMMODATES
.062” [1.57] PCB
HAIRPIN or LOOP CARD EXTENDER
(KR, KN)
Example P/N: EBC10DKRN
(Omit Modification Code)
ACCOMMODATES
.062” [1.57] PCB
CANTILEVER CARD EXTENDER
L
.200” [5.08]
K
.200” [5.08]
L
.200” [5.08]
K
L
K
K
L - .015” [0.38]
K
.550” [13.97]
HAIRPIN
BELLOWS
TERMINATION
TYPE
POST CROSS
SECTION
K
POST LENGTH
L
.025” [0.64]
FITS MIN.
HOLE SIZE
CW
DIP SOLDER
.015ʺ X .025ʺ[0.38 X 0.64] .125ʺ [3.18]
.035ʺ [0.89]
CT
DIP SOLDER
.015ʺ X .025ʺ[0.38 X 0.64] .170ʺ [4.32]
.035ʺ [0.89]
CS
DIP SOLDER
.025ʺ [0.64] SQUARE
.160ʺ [4.06]
.040ʺ [1.02]
CM
WIRE WRAP
.025ʺ [0.64] SQUARE
.560ʺ [14.20] .040ʺ [1.02]
CA
RIGHT ANGLE
.025ʺ [0.64] SQUARE
.100ʺ [2.54]
.043ʺ [1.09]
CB
RIGHT ANGLE
.025ʺ [0.64] SQUARE
.180ʺ [4.57]
.043ʺ [1.09]
CC
RIGHT ANGLE
.025ʺ [0.64] SQUARE
.250ʺ [6.35]
.043ʺ [1.09]


Similar Part No. - EBC06DCWN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBC00DL110OA0W VISHAY-EBC00DL110OA0W Datasheet
93Kb / 6P
Aluminum Capacitors Axial Capacitor Style
23-Jun-08
EBC00DL122MA0W VISHAY-EBC00DL122MA0W Datasheet
93Kb / 6P
Aluminum Capacitors Axial Capacitor Style
23-Jun-08
EBC00DL147JA0W VISHAY-EBC00DL147JA0W Datasheet
93Kb / 6P
Aluminum Capacitors Axial Capacitor Style
23-Jun-08
EBC00DL147LA0W VISHAY-EBC00DL147LA0W Datasheet
93Kb / 6P
Aluminum Capacitors Axial Capacitor Style
23-Jun-08
EBC00DL210GA0W VISHAY-EBC00DL210GA0W Datasheet
93Kb / 6P
Aluminum Capacitors Axial Capacitor Style
23-Jun-08
More results

Similar Description - EBC06DCWN

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0467200016 MOLEX6-0467200016 Datasheet
1Mb / 14P
0.80 mm (.031") Pitch EdgeLine??12.5 Gbps Edge Card Connector, 108 Circuits, PCB Mating Thickness 1.57mm (.062")
0766912108 MOLEX9-0766912108 Datasheet
570Kb / 8P
0.80 mm (.031) Pitch EdgeLine??12.5 Gbps Edge Card Connector, 108 Circuits, 3 Bays, PCB Mating Thickness 1.57mm (.062)
0003062362 MOLEX11-0003062362 Datasheet
138Kb / 2P
.062/(1.57) HOUSING, PLUG AND RECEPTACLE, 36 CIRCUIT
logo
Silicon Laboratories
GBB40DHHD-S SILABS-GBB40DHHD-S Datasheet
428Kb / 2P
Accommodates .062 .008 PC board PPS or PA9T insulator Molded-in key available
logo
List of Unclassifed Man...
EBC05DREH ETC2-EBC05DREH Datasheet
731Kb / 2P
Accommodates .062.008 1.57 mm 0.20 mm or .031 .006 0.79 mm 0.15 mm mating PCB
FMC13DRYH ETC2-FMC13DRYH Datasheet
731Kb / 2P
.100 2.54 mm Contact Centers, .431 10.95 mm Insulator Height, Dip Solder/Eyelet/Right Angle for .062 1.57 mm or .031 0.79 mm Mating PCB
logo
Amphenol Corporation
1621-60008 AMPHENOL-1621-60008 Datasheet
83Kb / 1P
2.4 MM JACK PCB MOUNT 횠.012 PIN FOR .062" PCB
3321-60001 AMPHENOL-3321-60001 Datasheet
76Kb / 1P
1.85 MM JACK PCB MOUNT 횠.012 PIN FOR .062" PCB
logo
Amphenol SV Microwave
1621-60008 SVMICROWAVE-1621-60008 Datasheet
507Kb / 1P
2.4 MM JACK PCB MOUNT Ø.012 PIN FOR .062" PCB
REV.B 12/13
3321-60001 SVMICROWAVE-3321-60001 Datasheet
500Kb / 1P
1.85 MM JACK PCB MOUNT Ø.012 PIN FOR .062" PCB
REV.A 02/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com