Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL715 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IL715
Description  High Speed Four-Channel Digital Isolators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL715 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IL715 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IL715/IL716/IL717
3
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
Safety and Approvals
VDE 0884-10 (File Number 5016933-4880-0001; V-Series 5 kV-rated parts)
• Working voltage (VIORM) 1000 VRMS (1415 VPK); basic insulation; pollution degree 2
• Transient overvoltage (VIOTM) 6000 VPK
• Surge voltage (VIOSM) 10 kVPK
• Each part tested at 2387 VPK for 1 second, 5 pC partial discharge limit
• Samples tested at 6000 VPK for 60 sec.; then 2122 VPK for 10 sec. with 5 pC partial discharge limit
IEC 60747-5-5 (VDE 0884) (File Number 5016933-4880-0001; 2.5 kV-rated parts)
• Working Voltage (VIORM) 600 VRMS (848 VPK); basic insulation; pollution degree 2
• Transient overvoltage (VIOTM) and surge voltage (VIOSM) 4000 VPK
• Each part tested at 1590 VPK for 1 second, 5 pC partial discharge limit
• Samples tested at 4000 VPK for 60 sec.; then 1358 VPK for 10 sec. with 5 pC partial discharge limit
VDE 0884-10 / IEC 60747-5-5 Safety-Limiting Values
Safety-Limiting Values
Symbol
Value
Units
Safety rating ambient temperature
TS
180
°C
Safety rating power (180°C)
PS
270
mW
Supply current safety rating (total of supplies)
IS
54
mA
IEC 61010-1 (Edition 2; TUV Certificate Numbers N1502812; N1502812-101)
Reinforced Insulation; Pollution Degree II; Material Group III
Part No.
Suffix
Package
Working
Voltage
-1
QSOP
300 VRMS
-3
0.15" SOIC
300 VRMS
None
0.3" SOIC (standard)
300 VRMS
V
0.3" SOIC (high isolation voltage)
1000 VRMS
UL 1577 (Component Recognition Program File Number E207481)
• 5 kV-rated V-Series parts tested at 6 kVRMS (8480 VPK) for 1 second; each lot sample tested at 5 kVRMS (7060 VPK) for 1 minute
• 2.5 kV-rated parts tested at 3000 VRMS (4240 VPK) for 1 second; each lot sample tested at 2500 VRMS (3530 VPK) for 1 minute
Soldering Profile
Per JEDEC J-STD-020C, MSL 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com