Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL715 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # IL715
Description  High Speed Four-Channel Digital Isolators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL715 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IL715 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 9Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 10Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 11Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 12Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 13Page - List of Unclassifed Manufacturers IL715 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
IL715/IL716/IL717
10
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
Package Drawings
Ultraminiature 16-pin QSOP Package (-1 suffix)
0.188 (4.77)
0.197 (5.00)
0.025 (0.635)
0.004 (0.10)
0.010 (0.25)
NOTE: Pin spacing is a BASIC
dimension; tolerances
do not accumulate
0.060 (1.52)
0.069 (1.75)
0.228 (5.8)
0.244 (6.2)
0.150 (3.8)
0.157 (4.0)
0.050 (1.27)
0.056 (1.42)
0.013 (0.3)
0.020 (0.5)
0.007 (0.20)
0.010 (0.25)
0.020 (0.50)
0.029 (0.75)
NOM
Dimensions in inches (mm); scale = approx. 5X
0.15" 16-pin SOIC Package (-3 suffix)
0.386 (9.8)
0.394 (10.0)
0.049 (1.24)
0.051 (1.30)
0.007 (0.2)
0.013 (0.3)
Pin 1 identified
by either an
indent or a
marked dot
0.004 (0.1)
0.012 (0.3)
0.016 (0.4)
0.050 (1.3)
NOTE: Pin spacing is a BASIC
dimension; tolerances
do not accumulate
0.054 (1.4)
0.072 (1.8)
0.228 (5.8)
0.244 (6.2)
0.150 (3.81)
0.157 (3.99)
0.055 (1.40)
0.062 (1.58)
0.013 (0.3)
0.020 (0.5)
NOM
Dimensions in inches (mm); scale = approx. 5X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com