Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSA3821 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # LSA3821
Description  Analog Coaxial Pigtailed Laser Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSA3821 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  LSA3821 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
527
Limits
Parameter
Symbol
Test Condition
Min.
Max.
Units
Laser Forward Current
If
DC
120
mA
Laser Reverse Voltage
Vlr
DC
2
V
Photodiode Reverse Voltage
Vr
DC
20
V
Photodiode Forward Current
Ipf
DC
1
mA
Operating Temperature
Tc
Temperature measured at case
–40
+85
°C
Storage Temperature
Ts
–40
+85
°C
Relative Humidity
RH
noncondensing
%RH
Fiber Pull Strength
Three times; 10 sec.
10
N
Mechanical Shock
MIL-STD-883D, Method 2002,
500
G
Condition A
Vibration
MIL-STD-883D, Method 2007,
20
G
Condition A
Absolute Maximum Ratings
Absolute limiting (maximum) ratings mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods,
provided that each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be
assumed that limiting values of more than one parameter can be applied to the product at the same time.
Performance Specifications
LSA2825
LSA3821
Parameter
Symbol
Test Condition
Min.
Max.
Units
LASER
CW, Tc = –40
°C to +85°C, Po as
noted below unless otherwise
stated
Rated Optical Power
Po
CW
1.0
mW
Threshold Current
Ith
Tc = +25
°C
3.5
10
mA
Threshold Current
Ith
1
30
mA
Slope Efficiency
η
Tc = +25
°C30
80
µW/mA
Drive Current above Ith,
Id
Tc = +25
°C
12.5
33.3
mA
Tc = –40
°C to +85°C10
55
mA
Forward Voltage
Vf
1.6
V
Center Wavelength
λ
Tc = +25
°C
1286
1336
nm
Tc = –40
°C to +85°C
1260
1360
nm
Wavelength/Temperature
∆λ/∆T
0.4
nm/
°C
Coefficient
Spectral Width
σ
One sigma, RMS
2.5
nm
MONITOR PHOTODIODE
Tc = +25
°C, Vr = 5 V
Photocurrent
Im
200
1000
µA
Dark Current
Id
Po = 0
µW20
nA
Capacitance
C
1 MHz
10
pF
Tracking Error
DP
Im = Im (Po, +25
°C)
–1
+1
dB
Tc + –40
°C to + 85°C
for Im = Im (Po, +25
°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com