Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSA3821 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # LSA3821
Description  Analog Coaxial Pigtailed Laser Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSA3821 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  LSA3821 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSA3821 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
526
Analog Coaxial Pigtailed
Laser Module
Technical Data
LSA2825 - Analog
Coaxial Laser
LSA3821 - Dual-in-Line
Package
Features
• Compact Coaxial Package
• Strained Multi Quantum
Well (SMQW) Laser Chip
• Low Thresholds Current and
Operating Currents
• Wide Operating Tempera-
ture –40
°C to +85°C
• Optical Power May Be
Customized up to 2 mW
• Convenient Variety of
Pinout and Mounting Flange
Options
Applications
• CATV/CCTV
• Return Path Links
• LANS/WANS
Description
The LSAX82X is a compact
analog coaxial pigtailed laser
transmitter, operating in the
1300 nm wavelength region and
coupling light to single mode
fiber.
The device features a high
reliability SMQW laser diode and
rear facet monitor photodiode.
These are electrically connected
to four pins in an industry-
standard configuration.
Environmental performance is
designed to be compatible with
the requirements of Bellcore’s
TA-NWT-000983 document.
If the specific arrangement or
performance you require is not
listed, please contact your local
representative, as our highly
flexible design and manufacturing
processes allow both physical and
electro-optical customization to
meet your needs.
Laser Safety Warning
This device is a Class IIIb (3b) Laser Product. It may emit invisible laser radiation if operated with the fiber pigtail disconnected. To avoid
possible eye damage do not look into an unconnected fiber pigtail during laser operation. Do not exceed specified operating limits.
5965-7337E (5/97)


Similar Part No. - LSA3821

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LSA3K HONEYWELL-LSA3K Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
logo
OptoSupply Internationa...
LSA3XS OPTOSUPPLY-LSA3XS Datasheet
933Kb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
More results

Similar Description - LSA3821

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LST2425X HP-LST2425X Datasheet
153Kb / 6P
Coaxial Pigtailed Laser Module
LST252X HP-LST252X Datasheet
155Kb / 6P
Coaxial Pigtailed Laser Module
logo
Rochester Electronics
SPL405-015-4P ROCHESTER-SPL405-015-4P Datasheet
165Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROCHESTER-SPL785-20-4P-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
Pigtailed Coaxial Laser Diode
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
Pigtailed Coaxial Laser Diode
logo
Roithner LaserTechnik G...
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
Pigtailed Coaxial Laser Diode
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
Pigtailed Coaxial Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com