Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC2210 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # LSC2210
Description  14 PIN DFB Laser Module with Cooler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC2210 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  LSC2210 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
474
Laser Safety Warning
This device is a Class IIIb (3b) Laser Product. It may emit invisible laser radiation if operated with the fiber pigtail disconnected. To avoid
possible eye damage do not look into an unconnected fiber pigtail during laser operation. Do not exceed specified operating limits.
14 PIN DFB Laser Module
with Cooler
Technical Data
LSC2210
Features
• >1 Milliwatt Optical Output
• Center Wavelength between
1520 nm and 1565 nm
• Modulation Capability up to
1 Gbit/s
• Wide Operating
Temperature Range:
-20
°C to +65°C
• Industry Standard Hermetic
14 PIN Dual-In-Line Package
Applications
• Telecommunications
• Fiber Optic Sensors
• Cable Television
• Military Communications
and Control Systems
• Instrumentation
Description
LSC2210 laser modules are
highly reliable fiber optic light
sources operating in the 1550
nanometer band. The internal
DFB lasers are based upon
InGaAsP ridge waveguide
technology and fabricated by the
Metal Organic Vapor Phase
Epitaxy (MOVPE) process,
resulting in long lifetimes and
modest threshold currents.
The LSC2210 package includes a
photodiode for monitoring the
laser output, a thermistor for
monitoring laser heatsink
temperature, and a Peltier effect
thermoelectric cooler (TEC). A
heatsink mounting flange is
incorporated into the industry
standard 14 PIN package.
5962-9396E (11/94)


Similar Part No. - LSC2210

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LSC221EHI MPD-LSC221EHI Datasheet
302Kb / 2P
LSC200EHI SERIES
More results

Similar Description - LSC2210

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
1310 nm DFB Laser Module
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
CWDM DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
1310 nm DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
Microwave DFB Laser Microwave DFB Laser
1622 EMCORE-1622 Datasheet
635Kb / 6P
1622 CWDM DFB Laser Module
logo
Source Photonics, Inc.
SPP-10E-LR-EDFF SOURCE-SPP-10E-LR-EDFF Datasheet
445Kb / 7P
1310nm DFB laser and PIN receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com