Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC2210 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # LSC2210
Description  14 PIN DFB Laser Module with Cooler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC2210 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  LSC2210 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC2210 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
476
LSC2210 Typical Operating Characteristics
0
0
FORWARD CURRENT (mA)
100
2.0
2.5
0.5
40
1.5
1.0
20
60
80
1.5
1.0
0.5
CONTINUOUS WAVE POWER
AND FORWARD VOLTAGE
VS. FORWARD CURRENT
0
0
OUTPUT POWER (mV)
2.5
500
600
100
1.0
300
200
0.5
1.5
2.0
400
MONITOR PHOTOCURRENT
VS. OUTPUT POWER
1520
0
WAVELENGTH (nm)
1570
80
100
20
1540
60
40
1530
1550
1560
SPECTRAL CONTENT
1540
WAVELENGTH (nm)
1550
-40 dB
1545
-20 dB
0 dB
-40 dB
-20 dB
0 dB
UNMODULATED
MODULATED
EFFECT OF MODULATION
ON SPECTRUM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com