Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC4110 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # LSC4110
Description  1 mW 14 Pin DIL Cooled Laser Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC4110 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  LSC4110 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 7Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
462
LSCX110 Laser Diode Typical Operating Characteristics
1290
WAVELENGTH (nm)
1320
60
100
1300
40
1310
SPECTRAL CONTENT
80
20
0
0
FORWARD CURRENT (mA)
60
1.5
2.0
20
40
1.0
OUTPUT POWER
vs. FORWARD CURRENT
0.5
0
0
OUTPUT POWER (mW)
4.0
500
800
1.5
2.5
300
MONITOR PHOTOCURRENT
vs. OUTPUT POWER
600
100
0
0.5 1.0
2.0
3.0 3.5
700
400
200
0
FORWARD CURRENT (mA)
80
1.0
50
1.5
30
20
10
40
70
0.5
60
LASER FORWARD VOLTAGE
vs. FORWARD CURRENT
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com