Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC4110 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # LSC4110
Description  1 mW 14 Pin DIL Cooled Laser Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC4110 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  LSC4110 Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 7Page - Agilent(Hewlett-Packard) LSC4110 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
463
5
-
1
-
0.04
-
-
1280
-
-
-
-
800
1.2
Absolute Maximum Ratings
Laser Forward Current
Laser Reverse Current
Laser Reverse Voltage
Photodiode Reverse Voltage
Photodiode Forward Current
Operating Temperature (Case)
Storage Temperature
Relative Humidity RH
Fiber Pull Strength
Mechanical Shock
Vibration
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided each
limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that limiting
values of more than one parameter can be applied to the product at the same time.
mA
µA
V
V
mA
°C
°C
%RH
N
If
Ir
VIr
Vr
Ipf
C
Ts
DC
DC
DC
DC
DC
Pf = 1 mW
Mil Std 883, Method 2002,
Test Condition A
Mil Std 883, Method 2007,
Test Condition A
Performance Specifications
non-
condensing
Max.
150
100
2
10
1
+85
+85
10
-
-
-
-
-
-40
-40
0-0
-
Min.
Limits
LASER
Threshold Current
Ith Change with Temperature
Peak Optical Output
Optical Output Power
Slope Efficiency
Forward Voltage
Differential Resistance
Center Wavelength
λc Change with Temperature
Linewidth
Rise Time
Fall Time
Small Signal Frequency Response
LSC2110
LSC4110
CW, Rt = 10 k
Ω, Tc = ~25°C
unless otherwise specified
Tc = 65
°C to 85°C
Pf = Pf @ Ith + 25 mA
Pth = Pf @ Ith - 2 mA
dV/dl
Note 1
Tc = 65
°C to 85°C, ∆T = -40°C
FWHM (2.35
σ), Note 1
10% to 90%: Ith to Pf = 1 mW
90% to 10%: Pf = 1 mW to Ith
m = 0.8
m = 0.8
Ith
∆Ith/∆T
Pf
Pth
η
Vf
Rd
λc
∆λc/∆T
∆λ
τr
τf
Bw
Bw
Symbol
Parameter
Test Conditions
Units
Note:
1. Modulated measurements also available.
Parameter
Units
Symbol
Conditions
Max.
25
2.5
2.5
50
0.1
1.8
10
1330
0.4
5
0.5
0.5
-
-
Min.
Test Limits
mA
%/
°C
mW
µW
mW/mA
V
Ω
nm
nm/
°C
nm
ns
ns
MHz
GHz
Units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com