Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA81563 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # MGA81563
Description  0.1- 6 GHz 3 V, 14 dBm Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA81563 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  MGA81563 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MGA81563 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MGA81563 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MGA81563 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA81563 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA81563 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA81563 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA81563 Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA81563 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
6-197
Thermal Resistance[2]:
θ
ch-c = 220°C/W
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TC = 25°C (TC is defined to be the
temperature at the package pins
where contact is made to the
circuit board.)
MGA-81563 Electrical Specifications, T
C = 25°C, ZO = 50 Ω, Vd = 3 V
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max. Std Dev [2]
Gtest
Gain in test circuit[1]
f = 2.0 GHz
10.5
12.4
0.44
NFtest
Noise Figure in test circuit[1]
f = 2.0 GHz
2.8
3.8
0.21
NF50
Noise Figure in 50
Ω system
f = 0.5 GHz
dB
3.1
f = 1.0 GHz
3.0
f = 2.0 GHz
2.7
0.21
f = 3.0 GHz
2.7
f = 4.0 GHz
2.8
f = 6.0 GHz
3.5
|S21|2
Gain in 50
Ω system
f = 0.5 GHz
dB
12.5
f = 1.0 GHz
12.5
f = 2.0 GHz
12.3
0.44
f = 3.0 GHz
11.8
f = 4.0 GHz
11.4
f = 6.0 GHz
10.2
P1 dB
Output Power at 1 dB Gain Compression
f = 0.5 GHz
dBm
15.1
f = 1.0 GHz
14.8
f = 2.0 GHz
14.8
0.86
f = 3.0 GHz
14.8
f = 4.0 GHz
14.8
f = 6.0 GHz
14.7
IP3
Output Third Order Intercept Point
f = 2.0 GHz
dBm
+27
1.0
VSWRin
Input VSWR
f = 2.0 GHz
2.7:1
VSWRout
Output VSWR
f = 2.0 GHz
2.0:1
I d
Device Current
mA
31
42
51
Notes:
1. Guaranteed specifications are 100% tested in the circuit in Figure 10 in the Applications Information section.
2. Standard deviation number is based on measurement of at least 500 parts from three non-consecutive wafer lots during
the initial characterization of this product, and is intended to be used as an estimate for distribution of the typical
specification.
MGA-81563 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
Vd
Device Voltage, RF Output
V
6.0
to Ground
Vgd
Device Voltage, Gate
V
-6.0
to Drain
Vin
Range of RF Input Voltage
V
+0.5to-1.0
to Ground
Pin
CW RF Input Power
dBm
+13
Tch
Channel Temperature
°C
165
TSTG
Storage Temperature
°C
-65 to 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com