Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA81563 Datasheet (PDF) - Agilent(Hewlett-Packard)

MGA81563 Datasheet PDF - Agilent(Hewlett-Packard)
Part # MGA81563
Download  MGA81563 Download
File Size   135.98 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.1- 6 GHz 3 V, 14 dBm Amplifier

MGA81563 Datasheet (PDF)

Go To PDF Page Download Datasheet
MGA81563 Datasheet PDF - Agilent(Hewlett-Packard)

Part # MGA81563
Download  MGA81563 Click to download

File Size   135.98 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.1- 6 GHz 3 V, 14 dBm Amplifier

MGA81563 Datasheet (HTML) - Agilent(Hewlett-Packard)


MGA81563 Product details

Description
Hewlett-Packard’s MGA-81563 is an economical, easy-to-use GaAs MMIC amplifier that offers excellent power and low noise figure for applications from 0.1 to 6 GHz. Packaged in an ultraminiature SOT-363 package, it requires half the board space of a SOT-143 package.

Features
• +14.8 dBm P1dB at 2.0 GHz +17 dBm Psat at 2.0 GHz
• Single +3V Supply
• 2.8 dB Noise Figure at 2.0␣ GHz
• 12.4 dB Gain at 2.0 GHz
• Ultra-miniature Package
• Unconditionally Stable

Applications
• Buffer or Driver Amp for PCS, PHS, ISM, SATCOM and WLL Applications
• High Dynamic Range LNA




Similar Part No. - MGA81563

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA82563 HP-MGA82563 Datasheet
137Kb / 12P
0.1-6 GHz 3V, 17 dBm Amplifier
MGA83563 HP-MGA83563 Datasheet
177Kb / 24P
22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
MGA83563BLK HP-MGA83563BLK Datasheet
177Kb / 24P
22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
MGA83563TR1 HP-MGA83563TR1 Datasheet
177Kb / 24P
22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
MGA86576 HP-MGA86576 Datasheet
75Kb / 6P
1.5 - 8 GHz Low Noise GaAs MMIC Amplifier
More results


Similar Description - MGA81563

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-82563 HP-MGA-82563 Datasheet
137Kb / 12P
0.1-6 GHz 3V, 17 dBm Amplifier
logo
Transcom, Inc.
TM060-180-10-14 TRANSCOM-TM060-180-10-14 Datasheet
25Kb / 1P
6 - 18 GHz 14 dBm Gain Module
TA020-060-36-34 TRANSCOM-TA020-060-36-34 Datasheet
18Kb / 1P
2 - 6 GHz 33 dBm Amplifier
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
6 - 18 GHz 28 dBm Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-81563 AVAGO-MGA-81563 Datasheet
185Kb / 11P
0.1?? GHz 3 V, 14 dBm Amplifier Lead-free Option Available
MGA-82563-TR1G AVAGO-MGA-82563-TR1G Datasheet
169Kb / 11P
MGA-82563 0.1??6 GHz 3 V, 17 dBm Amplifier
MGA-81563 AVAGO-MGA-81563_15 Datasheet
185Kb / 11P
0.1?? GHz 3 V, 14 dBm Amplifier
MGA-82563 AVAGO-MGA-82563 Datasheet
169Kb / 11P
0.1??6 GHz 3 V, 17 dBm Amplifier
logo
Broadcom Corporation.
DEMO-MGA-8A BOARDCOM-DEMO-MGA-8A Datasheet
185Kb / 11P
0.1?? GHz 3 V, 14 dBm Amplifier
MGA-81563 BOARDCOM-MGA-81563 Datasheet
185Kb / 11P
0.1?? GHz 3 V, 14 dBm Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com