Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA86576 Datasheet (PDF) - Agilent(Hewlett-Packard)

MGA86576 Datasheet PDF - Agilent(Hewlett-Packard)
Part # MGA86576
Download  MGA86576 Download
File Size   75.57 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.5 - 8 GHz Low Noise GaAs MMIC Amplifier

MGA86576 Datasheet (PDF)

Go To PDF Page Download Datasheet
MGA86576 Datasheet PDF - Agilent(Hewlett-Packard)

Part # MGA86576
Download  MGA86576 Click to download

File Size   75.57 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.5 - 8 GHz Low Noise GaAs MMIC Amplifier

MGA86576 Datasheet (HTML) - Agilent(Hewlett-Packard)


MGA86576 Product details

Description
Hewlett-Packard’s MGA-86576 is an economical, easy-to-use GaAs MMIC amplifier that offers low noise and excellent gain for applications from 1.5 to 8 GHz.

Features
• 1.6 dB Noise Figure at 4 GHz
• 23 dB Gain at 4 GHz
• +6 dBm P1dB at 4 GHz
• Single +5 V Bias Supply

Applications
• LNA or Gain Stage for 2.4 GHz and 5.7 GHz ISM Bands
• Front End Amplifier for GPS Receivers
• LNA or Gain Stage for PCN and MMDS Applications
• C-Band Satellite Receivers
• Broadband Amplifier for Instrumentation




Similar Part No. - MGA86576

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA81563 HP-MGA81563 Datasheet
135Kb / 12P
0.1- 6 GHz 3 V, 14 dBm Amplifier
MGA82563 HP-MGA82563 Datasheet
137Kb / 12P
0.1-6 GHz 3V, 17 dBm Amplifier
MGA83563 HP-MGA83563 Datasheet
177Kb / 24P
22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
MGA83563BLK HP-MGA83563BLK Datasheet
177Kb / 24P
22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
MGA83563TR1 HP-MGA83563TR1 Datasheet
177Kb / 24P
22 dBm PSAT 3V Power Amplifier for 0.5-6 GHz Applications
More results


Similar Description - MGA86576

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
logo
Agilent(Hewlett-Packard...
INA-52063 HP-INA-52063 Datasheet
93Kb / 7P
1.5 GHz Low Noise Silicon MMIC Amplifier
logo
Tyco Electronics
MAAM12000 MACOM-MAAM12000 Datasheet
191Kb / 2P
Low Noise GaAs MMIC Amplifier 1.2-1.75 GHz
MAAM12000-A1 MACOM-MAAM12000-A1 Datasheet
178Kb / 3P
Low Noise GaAs MMIC Amplifier 1.2 - 1.75 GHz
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
logo
Mimix Broadband
CMM1200-BD MIMIX-CMM1200-BD_07 Datasheet
452Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
XL1000-BD MIMIX-XL1000-BD Datasheet
268Kb / 7P
20.0-40.0 GHz GaAs MMIC Low Noise Amplifier
XL1004-BD MIMIX-XL1004-BD Datasheet
159Kb / 6P
35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
1.5?? GHz Low Noise GaAs MMIC Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com