Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH24P20 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTH24P20
Description  Standard Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH24P20 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTH24P20 Datasheet HTML 1Page - IXYS Corporation IXTH24P20 Datasheet HTML 2Page - IXYS Corporation IXTH24P20 Datasheet HTML 3Page - IXYS Corporation IXTH24P20 Datasheet HTML 4Page - IXYS Corporation IXTH24P20 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2004 IXYS All rights reserved
Fig. 1. Output Characteristics
@ 25ºC
-35
-30
-25
-20
-15
-10
-5
0
-8
-7
-6
-5
-4
-3
-2
-1
0
V
D S - Volts
VGS = -10V
-9V
-8V
-6V
-7V
Fig. 3. R
DS(on) Nor m alize d to ID25 Value vs .
Junction Tem perature
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
ID = -24A
ID = -12A
VGS = -10V
Fig. 6. Input Adm ittance
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
-8
-7.5
-7
-6.5
-6
-5.5
-5
-4.5
V
G S - Volts
TJ = 125ºC
25ºC
-40ºC
Fig. 5. Drain Current vs. Case
Tem perature
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
-50
-25
0
25
50
75
100
125
150
T
C - Degrees Centigrade
Fig. 4. R
DS(on) Nor m alize d to ID25
Value vs. I
D
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-35
-30
-25
-20
-15
-10
-5
0
I
D - Amperes
TJ = 125ºC
TJ = 25ºC
VGS = -10V
Fig. 2. Output Characteristics
@ 125ºC
-35
-30
-25
-20
-15
-10
-5
0
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
V
D S - Volts
VGS = -10V
-9V
-5V
-6V
-7V
-8V
IXTH 24P20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com