Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH24P20 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH24P20
Description  Standard Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH24P20 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH24P20 Datasheet HTML 1Page - IXYS Corporation IXTH24P20 Datasheet HTML 2Page - IXYS Corporation IXTH24P20 Datasheet HTML 3Page - IXYS Corporation IXTH24P20 Datasheet HTML 4Page - IXYS Corporation IXTH24P20 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTH 24P20
Fig. 9. Gate Charge
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
20
40
60
80
100
120
140
160
Q
G - nanoCoulombs
V
DS = -100V
I
D = -12A
I
G = -1mA
Fig. 7. Transconductance
0
3
6
9
12
15
18
21
24
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
I
D - Amperes
T
J = -40ºC
25ºC
125ºC
Fig. 8. Source Current vs.
Source-To-Drain Voltage
-80
-70
-60
-50
-40
-30
-20
-10
0
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
V
S D - Volts
T
J = 125ºC
T
J = 25ºC
Fig. 12. Forw ard-Bias Safe
Operating Area
1
10
100
1000
10
100
1000
V
D S - Volts
100µs
1ms
DC
T
C = 25ºC
T
J = 150ºC
RDS(on) Limit
10ms
Fig. 11. Capacitance
100
1000
10000
-40
-35
-30
-25
-20
-15
-10
-5
0
V
D S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Tem perature dependence of
Breakdow n and Threshole Voltage
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
VGS(th)
BVDSS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com