Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTT50P10 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTT50P10
Description  Standard Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT50P10 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTT50P10 Datasheet HTML 1Page - IXYS Corporation IXTT50P10 Datasheet HTML 2Page - IXYS Corporation IXTT50P10 Datasheet HTML 3Page - IXYS Corporation IXTT50P10 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXTH50P10
IXTT50P10
Fig. 2. Extended Output Characteristics
@ 25ºC
-140
-120
-100
-80
-60
-40
-20
0
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
VD S - Volts
VGS = -10V
- 5V
- 6V
- 7V
- 8V
- 9V
Fig. 1. Output Characteristics
@ 25ºC
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
VD S - Volts
VGS = -10V
- 9V
- 8V
- 5V
- 6V
- 7V
Fig. 4. RDS(on) Normalized to 0.5 ID25 Value
vs. Junction Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
ID = - 50A
ID = - 25A
VGS = - 10V
Fig. 6. Drain Current vs. Case
Temperature
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 5. RDS(on) Normalized to 0.5 ID25
Value vs. ID
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-125
-100
-75
-50
-25
0
I D - Amperes
TJ = 125ºC
TJ = 25ºC
VGS = - 10V
Fig. 3. Output Characteristics
@ 125ºC
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
VD S - Volts
VGS = -10V
- 9V
- 8V
- 5V
- 6V
- 7V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com