Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTT50P10 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTT50P10
Description  Standard Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT50P10 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTT50P10 Datasheet HTML 1Page - IXYS Corporation IXTT50P10 Datasheet HTML 2Page - IXYS Corporation IXTT50P10 Datasheet HTML 3Page - IXYS Corporation IXTT50P10 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
-100
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
-100
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
- 50
A
I
DM
T
C = 25°C, pulse width limited by TJM
- 200
A
I
A
T
C = 25°C
- 50
A
E
AS
T
C = 25°C30
mJ
P
D
T
C = 25°C
300
W
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
M
d
Mounting torque (TO-247)
1.13 / 10
Nm/lb.in.
Weight
TO-247
6
g
TO-268
5
g
DS98905E(6/08)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250 μA
-100
V
V
GS(th)
V
DS = VGS, ID = - 250μA
- 3.0
- 5.0
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = 0.8 • VDSS
- 25
μA
V
GS = 0V
T
J = 125°C
-1 mA
R
DS(on)
V
GS = -10V, ID = 0.5 • ID25, Note 1
55 m
Ω
Standard
Power MOSFET
P-Channel Enhancement Mode
Avalanche Rated
V
DSS
= - 100V
I
D25
= - 50A
R
DS(on) ≤
≤≤≤≤
55m
Ω
Ω
Ω
Ω
Ω
G = Gate
D = Drain
S = Source
TAB = Drain
IXTH50P10
IXTT50P10
TO-268 (IXTT)
G
S
(TAB)
TO-247 (IXTH)
(TAB)
S
G
D
Features
International standard packages
JEDEC TO-247 AD
Low R
DS(ON)
HDMOSTM process
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Low package inductance (< 5nH)
- easy to drive and to protect
Applications
High side switching
Push-pull amplifiers
DC Choppers
Automatic test equipment
Advantages
Easy to mount with 1 screw
(isolated mounting screw hole)
Space savings
High power density


Similar Part No. - IXTT50P10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTT50P10 ISC-IXTT50P10 Datasheet
342Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - IXTT50P10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IZTH6N90 IXYS-IZTH6N90 Datasheet
104Kb / 4P
Standard Power MOSFET
IXTH16P20 IXYS-IXTH16P20 Datasheet
79Kb / 2P
Standard Power MOSFET
IXTH5N100 IXYS-IXTH5N100 Datasheet
104Kb / 4P
Standard Power MOSFET
IXTH10P60 IXYS-IXTH10P60 Datasheet
70Kb / 2P
Standard Power MOSFET
IXTH50P10 IXYS-IXTH50P10 Datasheet
79Kb / 2P
Standard Power MOSFET
IRFP250 IXYS-IRFP250 Datasheet
47Kb / 2P
Standard Power MOSFET
IXTH11P50 IXYS-IXTH11P50 Datasheet
573Kb / 4P
Standard Power MOSFET
IXTH12N50A IXYS-IXTH12N50A Datasheet
97Kb / 4P
Standard Power MOSFET
IXTH36P10 IXYS-IXTH36P10 Datasheet
81Kb / 2P
Standard Power MOSFET
IXTT24P20 IXYS-IXTT24P20 Datasheet
563Kb / 5P
Standard Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com