Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H01QF Datasheet(PDF) 41 Page - STMicroelectronics

Part # L99H01QF
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01QF Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L99H01QF Datasheet HTML 37Page - STMicroelectronics L99H01QF Datasheet HTML 38Page - STMicroelectronics L99H01QF Datasheet HTML 39Page - STMicroelectronics L99H01QF Datasheet HTML 40Page - STMicroelectronics L99H01QF Datasheet HTML 41Page - STMicroelectronics L99H01QF Datasheet HTML 42Page - STMicroelectronics L99H01QF Datasheet HTML 43Page - STMicroelectronics L99H01QF Datasheet HTML 44Page - STMicroelectronics L99H01QF Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
DocID15567 Rev 6
41/53
L99H01
Functional description of the SPI
52
Equation 1
Vth = n * (0.31 + m * 0.03) V
The purpose of factor n is to determine the number of external temperature sense diodes (in
series). With factor m the level of the threshold voltage can be fine tuned.
4.7
Read device information (ROM)
The device information is stored at the ROM addresses defined below and is read using the
respective operating code.
The <ID-Header> indicates the product family and specifies how many bytes of device
information are available.
•
FAM[1:0]: Family identifier, FAM[1:0] = [0:1] stands for ASSPs.
•
NR_PI[5:0]: Number of product information bytes.
The <Product Code 1 and 2> represents a unique identifier of the device and version.
Table 43. Read device information (ROM)
Op code
Address
Device information
OC1
OC0
Ax
1
1
00H
<ID-Header>
1
1
01H
<Product Code 1>
1
1
02H
<Product Code 2>
1
1
03H
<SPI-frame-ID>
1
1
3FH
Reserved, accessing this address is recognized as a failure, the
device enters a fail-safe state (see Table 30: STK_RESET_Q).
Table 44. Address 0 <00(hex)> : ID-header - read only(1)
1.
Addressable only through a read device information command.
Bit
7
6
5
43210
Name
FAM_1
FAM_0
NR_PI_5
NR_PI_4
NR_PI_3
NR_PI_2
NR_PI_1
NR_PI_0
<default>
0
1
0
00010
Table 45. Address 1 <01(hex)>: product ID (LSB) - read only(1)
1.
Addressable only through a read device information command.
Bit
7
6
543
21
0
Name
PR_ID_7 PR_ID_6 PR_ID_5
PR_ID_4 PR_ID_3
PR_ID_2 PR_ID_1 PR_ID_0
<default>
00
000
00
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com