Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H01QF Datasheet(PDF) 42 Page - STMicroelectronics

Part # L99H01QF
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01QF Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L99H01QF Datasheet HTML 38Page - STMicroelectronics L99H01QF Datasheet HTML 39Page - STMicroelectronics L99H01QF Datasheet HTML 40Page - STMicroelectronics L99H01QF Datasheet HTML 41Page - STMicroelectronics L99H01QF Datasheet HTML 42Page - STMicroelectronics L99H01QF Datasheet HTML 43Page - STMicroelectronics L99H01QF Datasheet HTML 44Page - STMicroelectronics L99H01QF Datasheet HTML 45Page - STMicroelectronics L99H01QF Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Functional description of the SPI
L99H01
42/53
DocID15567 Rev 6
The <SPI-frame-ID> (ROM address 03H) provides information about the register width (1, 2,
3 bytes) and the availability of ‘burst mode read’ option.
Comments:
•
BR: Burst mode read. Not supported
•
AR5: Address width reduction. Not supported
•
AR4: Address width reduction. Not supported
•
AR3: Address width reduction. Not supported
•
32 bits: 32 bits frame width. Not supported
•
24 bits: 24 bits frame width. Not supported
•
16 bits: 16 bits frame width, 8 bits command and 8 bits data
•
8 bits: 8 bits frame width. Not supported
Table 46. Address 2 <02(hex)>: product ID (MSB) - read only(1)
1.
Addressable only through a read device Information command.
Bit
7
65
43
2
1
0
Name
PR_ID_15 PR_ID_14 PR_ID_13 PR_ID_12 PR_ID_11 PR_ID_10 PR_ID_9 PR_ID_8
<default>
00
10
1
X
X
X
Table 47. Address 3 <03(hex)>: SPI frame ID - read only(1)
1.
Addressable only through a Read Device Information command.
Bit
7
6
5
4
321
0
Name
BR
AR5
AR4
AR3
32 bits
24 bits
16 bits
8 bits
<default>
0
0
0
0
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com