Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2811-1 Datasheet(PDF) 1 Page - NEC

Part # PS2811-1
Description  HIGH CTR 4, 16-PIN SOP PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2811-1 Datasheet(HTML) 1 Page - NEC

  PS2811-1 Datasheet HTML 1Page - NEC PS2811-1 Datasheet HTML 2Page - NEC PS2811-1 Datasheet HTML 3Page - NEC PS2811-1 Datasheet HTML 4Page - NEC PS2811-1 Datasheet HTML 5Page - NEC PS2811-1 Datasheet HTML 6Page - NEC PS2811-1 Datasheet HTML 7Page - NEC PS2811-1 Datasheet HTML 8Page - NEC PS2811-1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2000
Document No. P14763EJ1V0DS00 (1st edition)
Date Published April 2000 NS CP(K)
Printed in Japan
PHOTOCOUPLER
PS2811-1,PS2811-4
HIGH CTR
4, 16-PIN SOP PHOTOCOUPLER
−NEPOCTM Series−
DESCRIPTION
The PS2811-1 and PS2811-4 are optically coupled isolators containing a GaAs light emitting diode and an NPN
silicon phototransistor in a plastic SOP for high density applications.
The package is an SOP (Small Outline Package) type for high density mounting applications.
FEATURES
• High current transfer ratio (CTR = 200 % TYP. @ IF = 1mA)
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (4, 16-pin SOP, Pin pitch 1.27 mm)
• Ordering number of taping product: PS2811-1-F3, F4, PS2811-4-F3, F4
APPLICATIONS
• Programmable logic controllers
• Small power supply
•Hybrid IC
• Modem/FAX


Similar Part No. - PS2811-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2811-1 CEL-PS2811-1 Datasheet
429Kb / 12P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2811-1 RENESAS-PS2811-1 Datasheet
268Kb / 16P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PS2811-1 RENESAS-PS2811-1 Datasheet
4Mb / 16P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
Jan. 27, 2026
logo
California Eastern Labs
PS2811-1-A CEL-PS2811-1-A Datasheet
429Kb / 12P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2811-1-A RENESAS-PS2811-1-A Datasheet
4Mb / 16P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
Jan. 27, 2026
More results

Similar Description - PS2811-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2711-1 NEC-PS2711-1 Datasheet
92Kb / 7P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS2715-1 NEC-PS2715-1 Datasheet
92Kb / 7P
HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
PS2711 NEC-PS2711 Datasheet
142Kb / 6P
NECs HIGH CTR, 4 PIN SOP OPTOCOUPLER
logo
California Eastern Labs
PS2715-1 CEL-PS2715-1 Datasheet
349Kb / 10P
HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2811-1 RENESAS-PS2811-1 Datasheet
268Kb / 16P
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
4-PIN SOP PHOTOCOUPLER
PS2711-1 RENESAS-PS2711-1_15 Datasheet
224Kb / 13P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS2715-1 RENESAS-PS2715-1_15 Datasheet
223Kb / 13P
HIGH CTR, AC INPUT 4-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com