Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJRF2N2FB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJRF2N2FB
Description  Fixed Inductors (Chip Inductors)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF2N2FB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJRF2N2FB Datasheet HTML 1Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 2Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 3Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 4Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 5Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 6Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 7Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
2.0 to 2.6
0.8 to 1.0
1.6
0.8
0.3
0.3
■ RE Type 1608 (0603)
● Recommended Land Pattern in mm (not to scale)
● Dimensions in mm (not to scale)
■ Standard Packing Quantity
● 3000 pcs./Reel
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJRE1N0
□FA
1.0
D : ±0.3 nH
Z : ±0.2 nH
100
7
100
6000
0.05
500
ELJRE1N2
□FA
1.2
6000
0.06
500
ELJRE1N5
□FA
1.5
8
6000
0.07
500
ELJRE1N8
□FA
1.8
6000
0.08
500
ELJRE2N2
□FA
2.2
6000
0.09
500
ELJRE2N7
□FA
2.7
6000
0.10
500
ELJRE3N3
□FA
3.3
9
5500
0.12
500
ELJRE3N9
□FA
3.9
J : ±5 %
5500
0.15
450
ELJRE4N7
□FA
4.7
4800
0.17
450
ELJRE5N6
□FA
5.6
4600
0.18
430
ELJRE6N8
□FA
6.8
3550
0.20
430
ELJRE8N2
□FA
8.2
3500
0.28
400
ELJRE10N
□FA
10
G : ±2 %
10
2800
0.32
400
ELJRE12N
□FA
12
2800
0.35
400
ELJRE15N
□FA
15
2500
0.41
350
ELJRE18N
□FA
18
2300
0.45
350
ELJRE22N
□FA
22
2000
0.50
300
ELJRE27N
□FA
27
2000
0.55
300
ELJRE33N
□FA
33
1800
0.60
300
ELJRE39N
□FA
39
11
1800
0.80
300
ELJRE47N
□FA
47
1800
0.95
250
ELJRE56N
□FA
56
12
1800
1.20
250
ELJRE68N
□FA
68
1500
1.30
250
ELJRE82N
□FA
82
1500
1.50
250
ELJRER10
□FA
100
1300
1.80
200
ELJRER12
□FA
120
25.2
5
25.2
1200
3.00
130
ELJRER15
□FA
150
1100
4.50
100
ELJRER18
□FA
180
4
1000
6.50
80
ELJRER22
□FA
220
900
7.50
70
■ Standard Parts (E12 series)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
□ : Symbol of Tolerance
Nov. 2013
02
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com