Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJRF2N2FB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJRF2N2FB
Description  Fixed Inductors (Chip Inductors)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF2N2FB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJRF2N2FB Datasheet HTML 1Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 2Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 3Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 4Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 5Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 6Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 7Page - Panasonic Semiconductor ELJRF2N2FB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
123456789
10
11
Shape
Size : mm (inch)
Product code
Inductance
Packaging Design No.
Taping
Inductance tolerance
F
Chip Inductors
RF
RE
1005 (0402)
1608 (0603)
1.5 nH
10 nH
220 nH
1N5
10N
R22
±0.2 nH
±0.3 nH
±2 %
±5 %
Z
D
G
J
123456789
10
11
Chip Inductors
High Frequency Use (Non Magnetic Core)
Type:
ELJRF
ELJRE
■ Features
● High frequency capability due to its non magnetic core.
● Capable of being Re-flow or flow soldered.
● Unique Ceramic Core/Laser-cut Technology.
● Non polarity product.
● Good for mounting.
● RoHS compliant
■ Recommended Applications
● RF circuitry for cellular phones and wireless communication equipment.
■ Explanation of Part Numbers
■Storage Conditions
● Package
: Normal temperature (–5 to 35 °C), normal humidity (85 %RH max.), shall not be exposed to
direct sunlight and harmful gases and care should be taken so as not to cause dew.
● Operating Temperature : –40 to +85 °C
■Storage Period
● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation
of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the
passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt.
■Packaging Methods, Soldering Conditions and Safety Precautions
Please see Data Files.
Nov. 2013
02
2


Similar Part No. - ELJRF2N2FB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF2N2FB PANASONIC-ELJRF2N2FB Datasheet
162Kb / 8P
High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRF2N2FB PANASONIC-ELJRF2N2FB Datasheet
203Kb / 8P
Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRF2N2FB PANASONIC-ELJRF2N2FB Datasheet
203Kb / 8P
Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRF2N2FB PANASONIC-ELJRF2N2FB Datasheet
203Kb / 8P
Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRF2N2FB PANASONIC-ELJRF2N2FB Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJRF2N2FB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
Fixed Inductors (Chip Inductors)
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com